Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7761BSTZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 35Page - Analog Devices AD7761BSTZ Datasheet HTML 36Page - Analog Devices AD7761BSTZ Datasheet HTML 37Page - Analog Devices AD7761BSTZ Datasheet HTML 38Page - Analog Devices AD7761BSTZ Datasheet HTML 39Page - Analog Devices AD7761BSTZ Datasheet HTML 40Page - Analog Devices AD7761BSTZ Datasheet HTML 41Page - Analog Devices AD7761BSTZ Datasheet HTML 42Page - Analog Devices AD7761BSTZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 38 of 75
START
SYNC_IN
DOUT0
DOUT1
DRDY
MCLK
SPI INTERFACE
SYNC_OUT
DSP/
FPGA
AD7761
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
MASTER
CLOCK
IOVDD
Figure 55. Connection Diagram for Synchronization Using SPI_SYNC
The SYNC_OUT pin can also be routed to the SYNC_IN pins of
other AD7761 devices, allowing simultaneous sampling to occur
across larger channel count systems. Any daisy-chained system of
AD7761 devices requires that all ADCs be synchronized.
In a daisy-chained system of AD7761 devices, two successive
synchronization pulses must be applied to guarantee that all
ADCs are synchronized. Two synchronization pulses are also
required in a system of more than one AD7761 device sharing a
single MCLK signal, where the DRDY pin of only one device is
used to detect new data.
As per any synchronization pulse present on the SYNC_IN pin,
the digital filters of the AD7761 are reset by the SPI_SYNC
command. The full settling time of the filters must then elapse
before valid data is output on the data interface.
Analog Input Precharge Buffers
The AD7761 contains precharge buffers on each analog input to
ease the drive requirements on the external amplifier. Each analog
input precharge buffer can be enabled or disabled using the analog
input precharge buffer registers (see Table 48 and Table 49).
When writing to these registers, the user must write the inverse
of the required bit settings. For example, to clear Bit 1 of this
register, the user must write 0x01 to the register. This clears
Bit 1 and sets all other bits. If the user reads the register again
after writing 0x01, the data read is 0xFE, as required.
Reference Precharge Buffers
The AD7761 contains reference precharge buffers on each
reference input to ease the drive requirements on the external
reference and help to settle any nonlinearity on the reference
inputs. Each reference precharge buffer can be enabled or
disabled using the reference precharge buffer registers (see
Table 50 and Table 51).
Per Channel Calibration Gain, Offset, and Sync Phase
The user can adjust the gain, offset, and sync phase of the
AD7761. These options are available only in SPI control mode.
Further register information and calibration instructions are
available in the Offset Registers section, the Gain Registers section,
and the Sync Phase Offset Registers section. See the Calibration
section for information on calibration equations.
GPIOs
The AD7761 has five GPIO pins available when operating in SPI
control mode. For further information on GPIO configuration,
see the GPIO Functionality section.
SPI CONTROL MODE EXTRA DIAGNOSTIC
FEATURES
RAM Built In Self Test
The read only memory (RAM) built in self test (BIST) is a
coefficient check for the digital filters. The AD7761 DSP path uses
some internal memories for storing data associated with filtering
and calibration. A user may, if desired, initiate a built in self test
(BIST) of these memories. Normal conversions are not possible
while BIST is running. The test is started by writing to the BIST
control register, Register 0x08. The results and status of the test are
available in the status register, Register 0x09 (see Table 43).
Normal ADC conversion is disrupted when this test is run. A
synchronization pulse is required after this test is complete to
resume normal ADC operation.
Revision Identification Number
The AD7761 contains an identification register that is accessible
in SPI control mode, the revision identification register. This
register is an excellent way to verify the correct operation of the
serial control interface. Register information is available in the
Revision Identification Register section.
Diagnostic Meter Mode
The diagnostic metering mode can be used to verify the
functionality of each ADC by internally passing a positive full-
scale, midscale, or negative full-scale voltage to the ADC. The
user can then read the resulting ADC conversion result to
determine that the ADC is operating correctly. To configure
ADC conversion diagnostics, see the ADC Diagnostic Receive
Select Register section and the ADC Diagnostic Control
Register section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com