Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7761BSTZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 39Page - Analog Devices AD7761BSTZ Datasheet HTML 40Page - Analog Devices AD7761BSTZ Datasheet HTML 41Page - Analog Devices AD7761BSTZ Datasheet HTML 42Page - Analog Devices AD7761BSTZ Datasheet HTML 43Page - Analog Devices AD7761BSTZ Datasheet HTML 44Page - Analog Devices AD7761BSTZ Datasheet HTML 45Page - Analog Devices AD7761BSTZ Datasheet HTML 46Page - Analog Devices AD7761BSTZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 42 of 75
REFERENCE INPUT
The AD7761 has two differential reference input pairs. REF1+
and REF1− are the reference inputs for Channel 0 to Channel 3,
and REF2+ and REF2− are for Channel 4 to Channel 7. The
absolute input reference voltage range is 1 V to AVDD1 − AVSS.
Like the analog inputs, the reference inputs have a precharge buffer
option. Each ADC has an individual buffer for each REFx+ and
REFx−. The precharge buffers help reduce the burden on the
external reference circuitry.
In pin control mode, the reference precharge buffers are off by
default. In SPI control mode, the user can enable or disable the
reference precharge buffers. In the case of unipolar analog supplies,
in SPI control mode, the user can achieve the best performance and
power efficiency by enabling only the REFx+ buffers. The reference
input current scales linearly with the modulator clock rate.
For 32 MHz MCLK and MCLK/4 fast mode, the differential
input current is ~72 µA/V per channel, unbuffered, and
~16 µA/V per channel with the precharge buffers enabled.
With the precharge buffers off, REFx+ = 5 V, and REFx− = 0 V,
REFx± = 5 V × 72 µA/V = 360 µA
With the precharge buffers on, REFx+ = 5 V, and REFx− = 0 V,
REFx± = 5 V × 16 µA/V = 80 µA
For the best performance and headroom, it is recommended to
use a 4.096 V reference such as the ADR444 or the ADR4540.
For the best performance at high sampling rates, it is recommended
to use an external reference drive amplifier such as the ADA4841-1
or the AD8031. Figure 62 shows a configuration diagram of the
reference connection.
REFx+
REFx–
AD7761
ADA4841-1
VOUT
VIN
VIN
ADR4540
Figure 62. Typical Reference Input Configuration Diagram
CLOCK SELECTION
The AD7761 has an internal oscillator used for initial power-up
of the device. After the AD7761 completes the start-up routine,
the device normally transfer control of the internal clocking to
the externally applied MCLK. The AD7761 counts the falling
edges of the external MCLK over a given number of internal clock
cycles to determine if the clock is valid and at least a frequency of
1.15 MHz. If there is a fault with the external MCLK, the transfer of
control does not occur, the AD7761 outputs an error in the
status header, and the clock error bit is set in the device status
register. No conversion data is output and a reset is required to
exit this error state.
Three clock source input options are available to the AD7761:
external CMOS, crystal oscillator, or LVDS. The clock is selected on
power-up and is determined by the state of the CLK_SEL pin.
If CLK_SEL = 0, the CMOS clock option is selected and the
clock is applied to Pin 32 (Pin 31 is tied to DGND).
If CLK_SEL = 1, the crystal or LVDS option is selected and the
crystal or LVDS is applied to Pin 31 and Pin 32. The LVDS
option is available only in SPI control mode. An SPI write to
Bit 3 of Register 0x04 enables the LVDS clock option.
DIGITAL FILTERING
The AD7761 offers two types of digital filters. In SPI control
mode, these filters can be chosen on a per channel basis. In pin
control mode, only one filter can be selected for all channels. The
digital filters available on the AD7761 are
•
Sinc5 low latency filter, −3 dB at 0.204 × ODR
•
Wideband low ripple filter, −3 dB at 0.433 × ODR
Both filters can be operated in one of six different decimation rates,
allowing the user to choose the optimal input bandwidth and speed
of the conversion vs. the desired power mode or resolution.
Sinc5 Filter
Most precision Σ-Δ ADCs use a sinc filter. The sinc5 filter offered
in the AD7761 enables a low latency signal path useful for dc
inputs, for control loops, or where other specific postprocessing
is required. The sinc5 filter path offers the lowest noise and power
consumption. The sinc5 filter has a −3 dB BW of 0.204 × ODR.
Table 11 contains the noise performance for the sinc5 filter across
power modes and decimation ratios.
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
0
2
4
6
8
10
12
14
16
NORMALIZED INPUT FREQUENCY (
fIN/fODR)
Figure 63. Sinc5 Filter Frequency Response (Decimation = ×32)
The settling times for the AD7761 when using the sinc5 filter are
shown in Table 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com