Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7761BSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 15Page - Analog Devices AD7761BSTZ Datasheet HTML 16Page - Analog Devices AD7761BSTZ Datasheet HTML 17Page - Analog Devices AD7761BSTZ Datasheet HTML 18Page - Analog Devices AD7761BSTZ Datasheet HTML 19Page - Analog Devices AD7761BSTZ Datasheet HTML 20Page - Analog Devices AD7761BSTZ Datasheet HTML 21Page - Analog Devices AD7761BSTZ Datasheet HTML 22Page - Analog Devices AD7761BSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 18 of 75
Pin No.
Mnemonic
Type1
Description
32
XTAL2/MCLK
DI
Input 2 for CMOS or Crystal/LVDS Sampling Clock. See the CLK_SEL pin for the details of this
configuration.
External crystal. XTAL2 is connected to the external crystal. In SPI control mode, when using a
crystal source, the FILTER pin must be set to Logic 1 for correct operation.
LVDS. A second LVDS input is connected to this pin.
CMOS clock. This pin operates as an MCLK input. CMOS input with logic level of IOVDD/DGND.
Set FILTER pin to Logic 1 for crystal clock source.
33
DGND
P
Digital Ground. This pin is nominally 0 V.
34
DREGCAP
AO
Digital Low Dropout (LDO) Regulator Output. Decouple this pin to DGND with a high quality,
low equivalent series resistance (ESR), 10 µF capacitor. For optimum performance, use a
decoupling capacitor with an ESR specification between 50 mΩ and 400 mΩ. This pin is not for
use in circuits external to the AD7761. For 1.8 V IOVDD operation, connect this pin to IOVDD via
an external trace to provide power to the digital processing core.
35
IOVDD
P
Digital Supply. This pin sets the logic levels for all interface pins. IOVDD also powers the digital
processing core via the digital LDO when IOVDD is at least 2.25 V. For 1.8 V IOVDD operation,
connect this pin to DREGCAP via an external trace to provide power to the digital processing core.
36
SYNC_IN
DI
Synchronization Input. SYNC_IN receives the synchronous signal from SYNC_OUT. It is used in
the synchronization of any AD7761 that requires simultaneous sampling or is in a daisy chain.
Ignore the START and SYNC_OUT functions if the SYNC_IN pin is connected to the system
synchronization pulse. This signal pulse must be synchronous to the MCLK clock domain.
37
START
DI
Start Signal. The START pulse synchronizes the AD7761 to other devices. The signal can be
asynchronous. The AD7761 samples the input and then outputs a SYNC_OUT pulse.
This SYNC_OUT pulse must be routed to the SYNC_IN pin of this device and any other AD7761
devices that must be synchronized together. This means that the user does not need to run the
ADCs and their digital host from the same clock domain, which is useful when there are long
traces or back planes between the ADC and the controller. If this pin is not used, it must be tied
to a Logic 1 through a pull-up resistor.
38
SYNC_OUT
DO
Synchronization Output. This pin operates only when using the START input. When using
the START input feature, the SYNC_OUT pin must be connected to SYNC_IN via an external
trace. SYNC_OUT is a digital output that is synchronous to the MCLK signal; the synchronization
signal driven in on START is internally synchronized to the MCLK signal and is driven out
on SYNC_OUT. SYNC_OUT can also be routed to other AD7761 devices requiring simultaneous
sampling and/or daisy-chaining, ensuring synchronization of devices related to the MCLK clock
domain. It must then be wired to drive the SYNC_IN pin on the same AD7761 and on the other
AD7761 devices.
39
AIN7+
AI
Positive Analog Input to ADC Channel 7.
40
AIN7−
AI
Negative Analog Input to ADC Channel 7.
41
AIN6+
AI
Positive Analog Input to ADC Channel 6.
42
AIN6−
AI
Negative Analog Input to ADC Channel 6.
43
REF2+
AI
Reference Input Positive. REF2+ is the positive reference terminal for Channel 4 to Channel 7.
The REF2+ voltage range is from (AVSS + 1 V) to AVDD1. Apply an external reference differential
between REF2+ and REF2− in the range from 1 V to |AVDD1 − AVSS|. Decouple this pin to AVSS
with a high quality capacitor, and maintain a low impedance between this capacitor and Pin 46.
44
REF2−
AI
Reference Input Negative. REF2− is the negative reference terminal for Channel 4 to Channel 7. The
REF2− voltage range is from AVSS to (AVDD1 − 1 V). Decouple this pin to AVSS with a high quality
capacitor, and maintain a low impedance between this capacitor and Pin 46.
45
AVDD1B
P
Analog Supply Voltage. This pin is 5 V ± 10% with respect to AVSS.
46
AVSS1B
P
Negative Analog Supply. This pin is nominally 0 V.
47
AIN5+
AI
Positive Analog Input to ADC Channel 5.
48
AIN5−
AI
Negative Analog Input to ADC Channel 5.
49
AIN4+
AI
Positive Analog Input to ADC Channel 4.
50
AIN4−
AI
Negative Analog Input to ADC Channel 4.
51
AVSS2B
P
Negative Analog Supply. This pin is nominally 0 V.
52
REGCAPB
AO
Analog LDO Regulator Output. Decouple this pin to AVSS with a 1 µF capacitor.
53
AVDD2B
P
Analog Supply Voltage. This pin is 2 V to 5.5 V with respect to AVSS.
54
AVSS
P
Negative Analog Supply. This pin is nominally 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com