Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7761BSTZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 3 Page - Analog Devices

  AD7761BSTZ Datasheet HTML 1Page - Analog Devices AD7761BSTZ Datasheet HTML 2Page - Analog Devices AD7761BSTZ Datasheet HTML 3Page - Analog Devices AD7761BSTZ Datasheet HTML 4Page - Analog Devices AD7761BSTZ Datasheet HTML 5Page - Analog Devices AD7761BSTZ Datasheet HTML 6Page - Analog Devices AD7761BSTZ Datasheet HTML 7Page - Analog Devices AD7761BSTZ Datasheet HTML 8Page - Analog Devices AD7761BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 2 of 75
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 3
General Description......................................................................... 4
Specifications..................................................................................... 5
Timing Specifications ................................................................ 10
1.8 V IOVDD Timing Specifications....................................... 11
Absolute Maximum Ratings.......................................................... 15
Thermal Resistance .................................................................... 15
ESD Caution................................................................................ 15
Pin Configuration and Function Descriptions........................... 16
Typical Performance Characteristics ........................................... 20
Terminology .................................................................................... 26
Theory of Operation ...................................................................... 27
Clocking, Sampling Tree, and Power Scaling............................. 27
Noise Performance and Resolution.......................................... 28
Applications Information .............................................................. 30
Power Supplies ............................................................................ 31
Device Configuration ................................................................ 32
Pin Control Mode....................................................................... 32
SPI Control.................................................................................. 35
SPI Control Functionality ......................................................... 36
SPI Control Mode Extra Diagnostic Features ........................ 38
Circuit Information........................................................................ 39
Core Signal Chain....................................................................... 39
Analog Inputs.............................................................................. 40
VCM............................................................................................. 41
Reference Input........................................................................... 42
Clock Selection ........................................................................... 42
Digital Filtering........................................................................... 42
Decimation Rate Control .......................................................... 46
Antialiasing ................................................................................. 46
Calibration................................................................................... 48
Data Interface.................................................................................. 49
Setting the Format of Data Output .......................................... 49
ADC Conversion Output: Header and Data .......................... 50
Functionality ................................................................................... 59
GPIO Functionality.................................................................... 59
Register Map Details (SPI Control) ............................................. 60
Register Map ............................................................................... 60
Channel Standby Register ......................................................... 62
Channel Mode A Register......................................................... 63
Channel Mode B Register ......................................................... 63
Channel Mode Select Register.................................................. 64
Power Mode Select Register...................................................... 64
General Device Configuration Register.................................. 65
Data Control: Soft Reset, Sync, and Single-Shot Control
Register ........................................................................................ 66
Interface Configuration Register.............................................. 66
Digital Filter RAM Built in Self Test (BIST) Register............ 67
Status Register............................................................................. 67
Revision Identification Register ............................................... 68
GPIO Control Register .............................................................. 68
GPIO Write Data Register......................................................... 69
GPIO Read Data Register.......................................................... 69
Analog Input Precharge Buffer Enable Register Channel 0 to
Channel 3 .................................................................................... 69
Analog Input Precharge Buffer Enable Register Channel 4 to
Channel 7 .................................................................................... 70
Positive Reference Precharge Buffer Enable Register............ 70
Negative Reference Precharge Buffer Enable Register .......... 71
Offset Registers........................................................................... 71
Gain Registers............................................................................. 72
Sync Phase Offset Registers ...................................................... 72
ADC Diagnostic Receive Select Register ................................ 72
ADC Diagnostic Control Register ........................................... 73
Modulator Delay Control Register........................................... 74
Chopping Control Register....................................................... 74
Outline Dimensions....................................................................... 75
Ordering Guide .......................................................................... 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com