Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4841-2YCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4841-2YCPZ-R7
Description  Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4841-2YCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4841-2YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADA4841-1/ADA4841-2
Rev. G | Page 9 of 20
55
0
–5
6
OFFSET DRIFT DISTRIBUTION (
µV/°C)
50
45
40
35
30
25
20
15
10
5
–4
–2
0
2
4
COUNT = 190
x = 0.36
µV/°C
σ = 1.21µV/°C
Figure 18. Input Offset Voltage Drift Distribution
10
0
0
5
VIN (V)
9
8
7
6
5
4
3
2
1
1
2
3
4
G = +1
VS = 5V
Figure 19. Nonlinearity vs. VIN
100
–60
VOUT (V)
80
60
20
0
–20
–40
VS = ±5
40
0
–6
6
–4
–2
2
4
Figure 20. Input Error Voltage vs. Output Voltage
0.25
0.19
0.24
0.23
0.22
0.21
0.20
G = +2
TIME = 50ns/DIV
VS = ±5V
VS = +3V
VS = +5V
Figure 21. Small Signal Transient Response for Various Supplies
0.15
0.09
0.14
0.13
0.12
0.11
0.10
G = +2
VIN = 20mV p-p
TIME = 50ns/DIV
10pF
0pF
47pF
20pF
Figure 22. Small Signal Transient Response for Various Capacitive Loads
0.130
0.090
0.125
0.120
0.115
0.110
0.105
0.100
0.095
VS = 3V
VS = 5V
G = +1
TIME = 50ns/DIV
Figure 23. Small Signal Transient Response for Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com