Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4841-2YCPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4841-2YCPZ-R7
Description  Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4841-2YCPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4841-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADA4841-1/ADA4841-2
Data Sheet
Rev. G | Page 16 of 20
POWER-DOWN OPERATION
Figure 48 shows the ADA4841-1 power-down circuitry. If the
POWER DOWN pin is left unconnected, then the base of the
input PNP transistor is pulled high through the internal pull-up
resistor to the positive supply, and the part is turned on. Pulling
the POWER DOWN pin approximately 1.7 V below the positive
supply turns the part off, reducing the supply current to
approximately 40 µA.
VCC
VEE
POWER DOWN
ESD
ESD
IBIAS
TO
AMPLIFIER
BIAS
Figure 48. POWER DOWN Circuit
The POWER DOWN pin is protected with ESD clamps,
as shown in Figure 48. Voltages beyond the power supplies
cause these diodes to conduct. The guidelines for limiting the
overload current in the input protection section should also be
followed for the POWER DOWN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com