Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4841-2YCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4841-2YCPZ-R7
Description  Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4841-2YCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4841-2YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4841-1/ADA4841-2
Data Sheet
Rev. G | Page 10 of 20
6
–1
5
4
3
2
1
0
VS = 5V
G = +1
TIME = 200ns/DIV
VIN
VOUT
Figure 24. Input Overdrive Recovery
6
–1
5
4
3
2
0
VS = 5V
G = +2
TIME = 100ns/DIV
1
VIN × 2
VOUT
Figure 25. Output Overdrive Recovery
1.5
–1.5
1.0
0.5
0
–0.5
–1.0
VS = ±5V
VOUT = 2V p-p
TIME = 100ns/DIV
G = +2
G = +1
Figure 26. Large Signal Transient Response for Various Gains
4.5
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
G = +2
VS = 5
TIME = 100ns/DIV
+25°C
–40°C
+125°C
Figure 27. Slew Rate vs. Temperature
2.0
–2.0
2.0
–2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VS = 5V
G = +1
VOUT = 2V p-p
TIME = 100ns/DIV
VOUT
VIN
VOUT (EXPANDED)
Figure 28. Settling Time
6
–1
5
4
3
2
1
0
VS = 5V
G = +1
VIN = 1VDC
TIME = 200ns/DIV
1.2
–0.2
1.0
0.8
0.6
0.4
0.2
0
POWER DOWN PIN
–40°C
+25°C
+125°C
Figure 29. Power-Up Time vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com