Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4841-2YCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4841-2YCPZ-R7
Description  Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4841-2YCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4841-2YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4841-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADA4841-1/ADA4841-2
Data Sheet
Rev. G | Page 12 of 20
3.6
3.1
–40
125
TEMPERATURE (°C)
–25
–10
5
20
35
50
65
80
95
110
3.5
3.4
3.3
3.2
VS = +3V
VS = +5V
VS = ±5V
Figure 36. Input Bias Current vs. Temperature for Various Supplies
1.6
0.8
–40
125
TEMPERATURE (°C)
–25
–10
5
20
35
50
65
80
95
110
VS = +5V
VS = ±5V
VS = +3V
1.5
1.4
1.3
1.2
1.1
1.0
0.9
Figure 37. Supply Current vs. Temperature for Various Supplies
A TO B
B TO A
G = +1
VS = 5V
RL = 1kΩ
FREQUENCY (Hz)
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
10k
100k
1M
10M
1G
100M
Figure 38. Crosstalk Output to Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com