Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5185 Datasheet(PDF) 3 Page - NEC

Part # 2SC5185
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5185 Datasheet(HTML) 3 Page - NEC

  2SC5185 Datasheet HTML 1Page - NEC 2SC5185 Datasheet HTML 2Page - NEC 2SC5185 Datasheet HTML 3Page - NEC 2SC5185 Datasheet HTML 4Page - NEC 2SC5185 Datasheet HTML 5Page - NEC 2SC5185 Datasheet HTML 6Page - NEC 2SC5185 Datasheet HTML 7Page - NEC 2SC5185 Datasheet HTML 8Page - NEC 2SC5185 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°)
NE68719
D.C. POWER DERATING CURVE
Ambient Temperature, TA (°C)
NE68733, NE68739
D.C. POWER DERATING CURVE
Ambient Temperature, TA (°C)
NE68718, NE68730
D.C. POWER DERATING CURVE
150
100
50
0
0
50
100
150
FREE AIR
90
Ambient Temperature, TA (°C)
150
100
90
50
0
050
100
150
FREE AIR
200
µA
180
µA
160
µA
140
µA
120
µA
100
µA
80
µA
60
µA
40
µA
IB = 20
µA
25
20
15
10
5
0
0
2.2
2.4
2.6
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
150
100
90
50
0
050
100
150
FREE AIR
Collector to Emitter Voltage, VCE (V)
NE687 SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com