Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5185 Datasheet(PDF) 7 Page - NEC

Part # 2SC5185
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5185 Datasheet(HTML) 7 Page - NEC

Back Button 2SC5185 Datasheet HTML 3Page - NEC 2SC5185 Datasheet HTML 4Page - NEC 2SC5185 Datasheet HTML 5Page - NEC 2SC5185 Datasheet HTML 6Page - NEC 2SC5185 Datasheet HTML 7Page - NEC 2SC5185 Datasheet HTML 8Page - NEC 2SC5185 Datasheet HTML 9Page - NEC 2SC5185 Datasheet HTML 10Page - NEC 2SC5185 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
NE68719
VCE = 1.0 V, IC = 1.0 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.1
0.945
-9.900
3.475
168.900
0.027
82.500
0.992
-6.900
0.085
21.096
0.4
0.890
-39.700
3.213
143.800
0.097
62.200
0.936
-25.900
0.174
15.201
0.8
0.748
-74.800
2.705
114.000
0.158
40.600
0.817
-45.200
0.336
12.335
1.0
0.682
-89.600
2.449
101.900
0.176
32.300
0.764
-52.500
0.417
11.435
1.5
0.559
-122.400
1.957
76.300
0.197
17.100
0.658
-65.800
0.624
9.971
2.0
0.488
-150.400
1.629
55.800
0.203
7.800
0.589
-75.500
0.822
9.044
2.5
0.441
-176.700
1.427
38.000
0.206
2.300
0.540
-84.200
0.994
8.406
3.0
0.411
158.700
1.288
22.100
0.210
-0.600
0.494
-94.200
1.148
5.541
4.0
0.408
110.100
1.113
-7.200
0.247
-4.600
0.409
-123.800
1.233
3.628
5.0
0.457
64.500
0.959
-35.600
0.319
-14.700
0.393
-171.200
1.147
2.454
VCE = 1.0 V, IC = 3.0 mA
0.1
0.854
-15.800
9.251
165.000
0.026
79.100
0.969
-11.700
0.132
25.512
0.4
0.694
-60.500
7.411
129.600
0.082
55.800
0.792
-40.000
0.312
19.561
0.8
0.485
-102.100
5.078
99.200
0.117
40.200
0.582
-60.000
0.575
16.375
1.0
0.425
-118.200
4.308
88.600
0.128
36.100
0.517
-65.700
0.683
15.271
1.5
0.332
-150.100
3.098
67.200
0.152
30.200
0.421
-74.600
0.902
13.092
2.0
0.294
-176.000
2.442
50.200
0.177
25.900
0.368
-80.500
1.034
10.273
2.5
0.277
160.700
2.052
34.700
0.207
21.200
0.331
-86.100
1.093
8.101
3.0
0.266
140.200
1.795
20.500
0.240
15.400
0.295
-94.200
1.123
6.608
4.0
0.304
97.300
1.486
-6.400
0.312
0.800
0.212
-127.000
1.108
4.780
5.0
0.386
55.900
1.263
-33.100
0.379
-17.300
0.215
172.500
1.074
3.562
0.1
0.621
-32.800
21.498
153.900
0.022
74.000
0.883
-22.400
0.255
29.900
0.4
0.376
-98.600
11.952
109.600
0.057
56.500
0.514
-57.600
0.651
23.216
0.8
0.257
-144.700
6.684
85.200
0.089
52.900
0.325
-71.000
0.916
18.756
1.0
0.233
-161.000
5.451
76.800
0.105
51.400
0.284
-74.100
0.980
17.153
1.5
0.206
169.800
3.754
59.800
0.146
45.700
0.231
-78.100
1.055
12.670
2.0
0.195
148.100
2.890
45.100
0.187
38.600
0.204
-81.300
1.085
10.111
2.5
0.190
130.800
2.374
31.500
0.230
30.200
0.184
-84.500
1.092
8.288
3.0
0.192
116.700
2.055
18.600
0.272
21.200
0.159
-91.900
1.090
6.956
4.0
0.258
84.100
1.666
-6.900
0.353
1.600
0.087
-145.200
1.069
5.134
5.0
0.369
47.400
1.402
-31.900
0.414
-19.100
0.170
137.600
1.048
3.958
VCE = 1.0 V, IC = 10.0 mA
0.1
0.875
-14.200
9.368
165.600
0.022
79.800
0.975
-10.200
0.134
26.292
0.4
0.713
-54.800
7.686
132.000
0.070
57.900
0.817
-35.100
0.322
20.406
0.8
0.503
-92.800
5.388
101.900
0.103
42.800
0.615
-53.100
0.587
17.186
1.0
0.429
-107.500
4.581
91.300
0.113
38.800
0.551
-58.300
0.704
16.079
1.5
0.325
-137.400
3.322
70.100
0.136
32.800
0.453
-66.500
0.924
13.879
2.0
0.270
-163.000
2.611
53.200
0.159
28.900
0.402
-72.600
1.063
10.615
2.5
0.241
175.400
2.175
38.300
0.185
24.600
0.368
-78.200
1.140
8.432
3.0
0.226
155.900
1.903
24.700
0.216
19.600
0.337
-85.800
1.160
7.024
4.0
0.247
111.400
1.588
-1.600
0.288
6.100
0.256
-113.400
1.125
5.264
5.0
0.328
65.600
1.369
-28.500
0.359
-11.900
0.245
-168.700
1.062
4.288
VCE = 2.0 V, IC = 3.0 mA
NE687 SERIES
Coordinates in Ohms
Frequency in GHz
(VCE = 2 V, IC = 5 mA)
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S22
0.1 GHz
S11
0.1 GHz
S22
5 GHz
S11
5 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
0˚
10
S12
0.1 GHz
S21
5 GHz
S12
5 GHz
S21
0.1 GHz
0.25
See note on previous page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com