Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5185 Datasheet(PDF) 8 Page - NEC

Part # 2SC5185
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5185 Datasheet(HTML) 8 Page - NEC

Back Button 2SC5185 Datasheet HTML 4Page - NEC 2SC5185 Datasheet HTML 5Page - NEC 2SC5185 Datasheet HTML 6Page - NEC 2SC5185 Datasheet HTML 7Page - NEC 2SC5185 Datasheet HTML 8Page - NEC 2SC5185 Datasheet HTML 9Page - NEC 2SC5185 Datasheet HTML 10Page - NEC 2SC5185 Datasheet HTML 11Page - NEC 2SC5185 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
NE68719
VCE = 2.0 V, IC = 5.0 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
VCE = 2.0 V, IC = 20.0 mA
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
NE687 SERIES
0.1
0.469
-38.900
29.942
148.800
0.016
71.900
0.835
-24.600
0.390
32.722
0.4
0.247
-106.600
14.412
104.600
0.045
64.000
0.448
-53.100
0.809
25.055
0.8
0.166
-153.400
7.775
82.800
0.077
61.100
0.303
-59.500
0.987
20.042
1.0
0.148
-169.000
6.300
75.200
0.094
58.900
0.276
-60.900
1.018
17.433
1.5
0.129
161.600
4.295
59.400
0.135
51.600
0.246
-63.500
1.056
13.584
2.0
0.122
139.700
3.279
45.600
0.176
43.500
0.232
-66.900
1.069
11.099
2.5
0.115
124.900
2.678
32.900
0.217
34.400
0.223
-70.400
1.072
9.271
3.0
0.116
114.300
2.304
20.600
0.258
25.300
0.205
-77.100
1.069
7.908
4.0
0.187
85.100
1.857
-3.600
0.337
5.700
0.120
-110.500
1.053
6.005
5.0
0.307
47.800
1.572
-28.300
0.403
-15.200
0.137
160.100
1.032
4.822
0.1
0.795
-18.000
13.956
162.300
0.020
76.300
0.954
-13.300
0.200
28.437
0.4
0.577
-66.300
10.170
123.500
0.062
56.800
0.721
-41.500
0.440
22.149
0.8
0.364
-106.100
6.431
94.800
0.090
46.900
0.508
-57.100
0.740
18.540
1.0
0.303
-120.700
5.350
85.100
0.102
44.900
0.452
-61.000
0.844
17.198
1.5
0.224
-151.800
3.763
65.800
0.132
40.100
0.377
-66.900
1.000
14.550
2.0
0.187
-178.500
2.912
49.900
0.163
35.300
0.340
-71.600
1.079
10.809
2.5
0.171
159.500
2.403
35.700
0.197
29.100
0.316
-76.100
1.108
8.858
3.0
0.165
139.500
2.086
22.700
0.233
22.100
0.291
-83.000
1.112
7.483
4.0
0.212
96.600
1.712
-2.900
0.309
5.600
0.207
-110.900
1.087
5.641
5.0
0.319
53.600
1.460
-29.000
0.378
-14.000
0.192
-174.900
1.047
4.538
Note:
1.Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com