Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5185 Datasheet(PDF) 6 Page - NEC

Part # 2SC5185
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5185 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5185 Datasheet HTML 2Page - NEC 2SC5185 Datasheet HTML 3Page - NEC 2SC5185 Datasheet HTML 4Page - NEC 2SC5185 Datasheet HTML 5Page - NEC 2SC5185 Datasheet HTML 6Page - NEC 2SC5185 Datasheet HTML 7Page - NEC 2SC5185 Datasheet HTML 8Page - NEC 2SC5185 Datasheet HTML 9Page - NEC 2SC5185 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
0.1
0.745
-19.300
17.318
160.600
0.017
74.400
0.942
-14.900
0.242
30.080
0.4
0.501
-72.400
12.131
119.600
0.053
57.300
0.677
-44.600
0.500
23.596
0.8
0.306
-114.500
7.399
91.300
0.080
48.800
0.471
-60.500
0.790
19.661
1.0
0.257
-131.700
6.113
81.600
0.092
46.600
0.419
-65.300
0.877
18.225
1.5
0.202
-168.800
4.245
62.300
0.123
40.700
0.354
-74.800
0.995
15.380
2.0
0.181
160.000
3.252
46.200
0.155
34.000
0.326
-84.000
1.051
11.842
2.5
0.177
134.700
2.655
31.300
0.187
26.200
0.315
-92.700
1.073
9.870
3.0
0.182
113.100
2.269
17.600
0.219
17.800
0.305
-102.300
1.080
8.424
4.0
0.236
78.300
1.820
-8.500
0.284
-0.500
0.257
-127.400
1.065
6.508
5.0
0.356
50.600
1.530
-35.200
0.343
-21.000
0.175
-178.000
1.049
5.142
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
NE687 SERIES
NE68718
VCE = 2.0 V, IC = 7.0 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
Note:
1.Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
VCE = 2.0 V, IC = 20.0 mA
0.1
0.491
-34.600
29.872
150.600
0.014
74.200
0.851
-22.900
0.370
33.291
0.4
0.259
-102.300
15.243
105.900
0.042
63.500
0.479
-52.400
0.781
25.598
0.8
0.174
-151.900
8.321
82.800
0.072
59.100
0.327
-62.200
0.966
20.628
1.0
0.160
-169.400
6.748
74.700
0.087
56.600
0.296
-65.700
1.004
18.526
1.5
0.158
155.900
4.599
57.900
0.125
48.700
0.262
-74.300
1.040
14.437
2.0
0.163
131.600
3.497
43.300
0.163
39.800
0.249
-83.500
1.053
11.911
2.5
0.169
112.200
2.843
29.400
0.199
30.300
0.246
-92.200
1.057
10.084
3.0
0.173
95.000
2.416
16.300
0.235
20.300
0.242
-102.400
1.058
8.648
4.0
0.228
69.700
1.929
-9.100
0.303
0.001
0.196
-130.200
1.044
6.752
5.0
0.349
46.900
1.611
-35.100
0.361
-21.600
0.127
164.300
1.035
5.346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com