Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZRL7-310 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9652BBCZRL7-310
Description  Analog-to-Digital Converter (ADC)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZRL7-310 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9652BBCZRL7-310 Datasheet HTML 6Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 7Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 8Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 9Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 10Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 11Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 12Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 13Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Data Sheet
AD9652
Rev. B | Page 9 of 36
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD3 to AGND
−0.3 V to +3.6 V
AVDD_CLK to AGND
−0.3 V to +2.0 V
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to AGND
−0.3 V to +2.0 V
SPIVDD to AGND
−0.3 V to +3.6 V
VIN+A/VIN+B, VIN−A/VIN−Bto AGND
1.2 V to 3.0 V
CLK+, CLK− to AGND
−0.3 V to AVDD_CLK +
0.2 V
SYNC to AGND
−0.3 V to AVDD_CLK +
0.2 V
VCM to AGND
−0.3 V to AVDD + 0.2 V
CSB to AGND
−0.3 V to SPIVDD + 0.3 V
SCLK to AGND
−0.3 V to SPIVDD + 0.3 V
SDIO to AGND
−0.3 V to SPIVDD + 0.3 V
PDWN to AGND
−0.3 V to DRVDD + 0.3 V
OR+/OR− to AGND
−0.3 V to DRVDD + 0.3 V
D0± Through D15± to AGND
−0.3 V to DRVDD + 0.3 V
DCO± to AGND
−0.3 V to DRVDD + 0.3 V
Environmental
OperatingTemperatureRange
(Ambient)
−40°C to +85°C
Maximum Junction Temperature
Under Bias
125°C
Storage Temperature Range
(Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
Typical θJA is specified for both a 4-layer printed circuit board
(PCB) with a solid ground plane from the JEDEC 51-2 and an
8-layer PCB. The 8-layer PCB has 2 oz copper layers (M1 and
M8), 1 oz copper inner layers, and vias connecting to layers M2,
M5, and M7.
As shown in Table 7, airflow increases heat dissipation, which
reduces θJA. In addition, metal in direct contact with the
package leads from metal traces, through holes, ground, and
power planes, reduces the θJA.
Table 7. Thermal Resistance
Package Type
Airflow
Velocity
(m/sec)
Board Type
θJA 2
Unit
144-BallCSP_BGA
10 mm × 10 mm
(BC-144-6)
0
8-layer PCB
15.8
°C/W
1.0
8-layer PCB
13.9
°C/W
0
JEDEC1
21.7
°C/W
1.0
JEDEC1
19.2
°C/W
1
Per JEDEC JESD51-7,plus JEDEC 25-5 2S2P test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com