Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZRL7-310 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9652BBCZRL7-310
Description  Analog-to-Digital Converter (ADC)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZRL7-310 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9652BBCZRL7-310 Datasheet HTML 8Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 9Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 10Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 11Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 12Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 13Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 14Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 15Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Data Sheet
AD9652
Rev. B | Page 11 of 36
Pin No.
Mnemonic
Type
Description
J6
DRGND
Digital Ground
Digital and Output Driver Ground Reference.
J7
DRGND
Digital Ground
Digital and Output Driver Ground Reference.
J9
DRGND
Digital Ground
Digital and Output Driver Ground Reference.
J10
DRGND
Digital Ground
Digital and Output Driver Ground Reference.
ADC Analog
A9
VIN+A
Input
Differential Analog Input Pin(+) for Channel A.
A8
VIN−A
Input
Differential Analog Input Pin(−) for Channel A.
A4
VIN+B
Input
Differential Analog Input Pin(+) for Channel B.
A5
VIN−B
Input
Differential Analog Input Pin(−) for Channel B.
A2
VCM
Output
Common-Mode Level Bias Output for Analog Inputs. Decouple
this pinto ground using a 0.1 μF capacitor.
A1
RBIAS
Output
External Bias Resister Connection. A 10 kΩ resister must be
connected betweenthis pin and analog ground (AGND).
A12
VREF
Input/Output
Voltage Reference Input/Output.
A11
SENSE
Input
Reference Mode Selection(See Table 12).
E1
CLK+
Input
ADC Clock Input (True).
D1
CLK−
Input
ADC Clock Input (Complement).
Digital Inputs
F1
TEST
Input
Pull-Down. Unused digital input, pull to ground through a 50 Ω
resistor.
G1
SYNC
Input
Digital Input Clock Synchronization Pin. Tie low if unused.
H1
PDWN
Input
Power-DownInput (Active High). The operationof this pin
depends on the SPI mode and can be configured as power-down
or standby (see Register 0x08 in Table 17).
Digital Outputs
J2
D0+
Output
Channel A/Channel B LVDS Output Data 0 (True, LSB).
J1
D0−
Output
Channel A/Channel B LVDS Output Data 0 (Complement, LSB).
K2
D1+
Output
Channel A/Channel B LVDS Output Data 1 (True).
K1
D1−
Output
Channel A/Channel B LVDS Output Data 1 (Complement).
L1
D2+
Output
Channel A/Channel B LVDS Output Data 2 (True).
M1
D2−
Output
Channel A/Channel B LVDS Output Data 2 (Complement).
L2
D3+
Output
Channel A/Channel B LVDS Output Data 3 (True).
M2
D3−
Output
Channel A/Channel B LVDS Output Data 3 (Complement).
L3
D4+
Output
Channel A/Channel B LVDS Output Data 4 (True).
M3
D4−
Output
Channel A/Channel B LVDS Output Data 4 (Complement).
L4
D5+
Output
Channel A/Channel B LVDS Output Data 5 (True).
M4
D5−
Output
Channel A/Channel B LVDS Output Data 5 (Complement).
L5
D6+
Output
Channel A/Channel B LVDS Output Data 6 (True).
M5
D6−
Output
Channel A/Channel B LVDS Output Data 6 (Complement).
L6
D7+
Output
Channel A/Channel B LVDS Output Data 7 (True).
M6
D7−
Output
Channel A/Channel B LVDS Output Data 7 (Complement).
L7
D8+
Output
Channel A/Channel B LVDS Output Data 8 (True).
M7
D8−
Output
Channel A/Channel B LVDS Output Data 8 (Complement).
L8
D9+
Output
Channel A/Channel B LVDS Output Data 9 (True).
M8
D9−
Output
Channel A/Channel B LVDS Output Data 9 (Complement).
L9
D10+
Output
Channel A/Channel B LVDS Output Data 10 (True).
M9
D10−
Output
Channel A/Channel B LVDS Output Data 10 (Complement).
L10
D11+
Output
Channel A/Channel B LVDS Output Data 11 (True).
M10
D11−
Output
Channel A/Channel B LVDS Output Data 11 (Complement).
L11
D12+
Output
Channel A/Channel B LVDS Output Data 12 (True).
M11
D12−
Output
Channel A/Channel B LVDS Output Data 12 (Complement).
L12
D13+
Output
Channel A/Channel B LVDS Output Data 13 (True).
M12
D13−
Output
Channel A/Channel B LVDS Output Data 13 (Complement).
K11
D14+
Output
Channel A/Channel B LVDS Output Data 14 (True).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com