Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZRL7-310 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9652BBCZRL7-310
Description  Analog-to-Digital Converter (ADC)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZRL7-310 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9652BBCZRL7-310 Datasheet HTML 10Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 11Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 12Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 13Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 14Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 15Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 16Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 17Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Data Sheet
AD9652
Rev. B | Page 13 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD3 = 3.3 V, AVDD = AVDD_CLK = 1.8 V, SPIVDD = DRVDD = 1.8 V, sample rate = 310 MSPS (clock input = 1240 MHz, AD9652
divide by 4), VIN = −1.0 dBFS differential, VREF = 1.25 V, DCS enabled, dither disabled, unless otherwise noted.
0
–140
–120
–100
–80
–60
–40
–20
0
140
120
100
80
60
40
20
fIN (MHz)
AIN = –1dBFS
SNRFS = 75.0dB
SFDR = 89dBc
Figure 6. Single Tone Fast Fourier Transform (FFT) with fIN = 70.1 MHz
(NSD = −156.7 dBFS/Hz)
0
–140
–120
–100
–80
–60
–40
–20
0
140
120
100
80
60
40
20
fIN (MHz)
AIN = –7dBFS
SNRFS = 75.7dB
SFDR = 91.9dBc
Figure 7. Single Tone FFT with fIN = 70.1 MHz at −7 dBFS
(NSD = −157.6 dBFS/Hz)
0
–140
–120
–100
–80
–60
–40
–20
0
140
120
100
80
60
40
20
fIN (MHz)
AIN = –1dBFS
SNRFS = 73.2dB
SFDR = 88dBc
Figure 8. Single Tone FFT with fIN = 185 MHz. at −1 dBFS
(NSD = −155.2 dBFS/Hz), Register 0x22A = 0x01
0
–140
–120
–100
–80
–60
–40
–20
0
140
120
100
80
60
40
20
fIN (MHz)
AIN = –1dBFS
SNRFS = 74.4dB
SFDR = 90dBc
Figure 9. Single Tone FFT with fIN = 70.1 MHz with Dither
(NSD = −156.3 dBFS/Hz)
0
–140
–120
–100
–80
–60
–40
–20
0
140
120
100
80
60
40
20
fIN (MHz)
AIN = –7dBFS
SNRFS = 75.2dB
SFDR = 94.4dBc
Figure 10. Single Tone FFT with fIN = 70.1 MHz at −7 dBFS with Dither
(NSD = −157.1 dBFS/Hz)
0
–140
–120
–100
–80
–60
–40
–20
0
140
120
100
80
60
40
20
fIN (MHz)
AIN = –1dBFS
SNRFS = 72.9dB
SFDR = 88dBc
Figure 11. Single Tone FFT with fIN = 185 MHz at −1 dBFS with Dither
(NSD = −154.9 dBFS/Hz), Register 0x22A = 0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com