Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652BBCZRL7-310 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9652BBCZRL7-310
Description  Analog-to-Digital Converter (ADC)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZRL7-310 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9652BBCZRL7-310 Datasheet HTML 14Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 15Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 16Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 17Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 18Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 19Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 20Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 21Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Data Sheet
AD9652
Rev. B | Page 17 of 36
0
–120
–100
–80
–60
–40
–20
105
100
95
90
85
80
75
–80
–60
–40
–20
0
INPUT AMPLITUDE (dBFS)
IMD2 (dBc)
IMD3 (dBc)
IMD2 (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
Figure 30. Two Tone SFDR/Intermodulation Distortion (IMD) vs. Input
Amplitude, for fIN = 70.1 MHz and 72.1 MHz, Dither Disabled
0
–120
–100
–80
–60
–40
–20
105
100
95
90
85
80
75
–80
–60
–40
–20
0
INPUT AMPLITUDE (dBFS)
IMD2 (dBc)
IMD3 (dBc)
IMD2 (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
Figure 31. Two Tone SFDR/IMD vs. Input Amplitude, for fIN = 184 MHz and
187 MHz, Dither Disabled, Register 0x22A = 0x01
0
–140
–120
–100
–80
–60
–40
–20
0
150
125
100
75
50
25
fIN (MHz)
AIN1 = AIN2 = –7dBFS
SFDR = 87dBc (94dBFS)
IMD2 = –92dBc (–99dBFS)
IMD3 = –87dBc (–94dBFS)
Figure 32. Two Tone FFT with fIN = 89.1 MHz and 92.1 MHz, VREF = 1.25 V
0
–120
–100
–80
–60
–40
–20
105
100
95
90
85
80
75
–80
–60
–40
–20
0
INPUT AMPLITUDE (dBFS)
IMD2 (dBc)
IMD3 (dBc)
IMD2 (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
Figure 33. Two Tone SFDR/IMD vs. Input Amplitude, for fIN = 70.1 MHz and
72.1 MHz, Dither Enabled
0
–120
–100
–80
–60
–40
–20
105
100
95
90
85
80
75
–80
–60
–40
–20
0
INPUT AMPLITUDE (dBFS)
IMD2 (dBc)
IMD3 (dBc)
IMD2 (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
Figure 34. Two Tone SFDR/IMD vs. Input Amplitude, for fIN = 184 MHz and
187 MHz, Dither Enabled, Register 0x22A = 0x01
70000
0
10000
20000
30000
40000
50000
60000
CODES
Figure 35. Grounded Input Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com