Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9656EBZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9656EBZ
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656EBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9656EBZ Datasheet HTML 39Page - Analog Devices AD9656EBZ Datasheet HTML 40Page - Analog Devices AD9656EBZ Datasheet HTML 41Page - Analog Devices AD9656EBZ Datasheet HTML 42Page - Analog Devices AD9656EBZ Datasheet HTML 43Page - Analog Devices AD9656EBZ Datasheet HTML 44Page - Analog Devices AD9656EBZ Datasheet HTML 45Page - Analog Devices AD9656EBZ Datasheet HTML 46Page - Analog Devices AD9656EBZ Datasheet HTML 47Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
AD9656
Data Sheet
Rev. A | Page 42 of 46
Addr
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Notes/
Comments
0x109
Clock divider
sync control
Clock
divider
sync
mode:
0 = use
SYNC pin,
1 = use
SYSREF±
pins
Reserved
Reset
clock
divider
sync
received
Sync clock
divider
enable:
0 =
disabled,
1 =
enabled
0x80
0x10A
Clock divider
sync received
Open
Open
Open
Open
Open
Open
Open
Clock
divider
sync
received
0x00
Read only.
MEMORY MAP REGISTER DESCRIPTIONS
For additional general information about functions controlled
in Register 0x00 to Register 0xFF, see the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.
Device Index (Register 0x05)
Certain features in the map that are designated as local can be set
independently for each channel, whereas other features apply
globally to all channels (depending on context), regardless of
the channel is selected. Bits[3:0] of Register 0x05 can select
which data channels are affected.
Transfer (Register 0xFF)
All registers except Register 0x100 are updated the moment
they are written. Setting Bit 0 of the transfer register high
invokes the settings in the resolution/sample rate override
register (Address 0x100).
Power Modes (Register 0x08)
Bit 5—PDWN Pin Function
If set to 1, the PDWN pin initiates standby mode. If set to 0
(cleared), the PDWN pin initiates full power-down mode.
Bit 4—JTX Standby Mode
If set, the JTX block enters standby mode when chip standby is
activated. Only the PLL is left running in standby mode. If
cleared, the JTX block remains running when chip standby is
activated.
Bits[1:0]—Power Mode
In normal operation (Bits[1:0] = 00), all ADC channels and the
JTX block are active.
In full power-down mode (Bits[1:0] = 01), all ADC channels and
the JTX block are powered down, and the digital datapath clocks
are disabled, while the digital datapath is reset. The outputs are
disabled.
In standby mode (Bits[1:0] = 10), all ADC channels are partially
powered down, and the digital datapath clocks are disabled. If
JTX standby mode is set, the outputs are also disabled.
During a digital reset (Bits[1:0] = 11), all the digital datapath clocks
and the outputs (where applicable) on the chip are reset, except
for the SPI port.
Note that the SPI is always left under control of the user; that is,
it is never automatically disabled or in reset (except by power-
on reset). When the digital reset is deactivated, a foreground
calibration sequence is initiated.
Enhancement Control (Register 0x0C)
Bit 2—Chop Mode
For applications that are sensitive to offset voltages and other
low frequency noise, such as homodyne or direct conversion
receivers, chopping in the first stage of the AD9656 is a feature
that can be enabled by setting Bit 2. In the frequency domain,
chopping translates offsets and other low frequency noise to
fCLK/2 where it can be filtered.
Output Mode (Register 0x14)
Bits[7:5]—JTX CS Mode
Defines the meaning of the JTX control bits.
Bits[1:0]—Output Format
By default, this field is set to 1 for data output in twos
complement format. Setting this field to 0 changes the output
mode to offset binary.
Clock Phase Control (Register 0x16)
Bits[6:4]—Input Clock Phase Adjust
When the clock divider (Register 0x0B) is used, the applied
clock is at a higher frequency than the internal sampling clock.
Bits[6:4] determine at which phase the external clock sampling
occurs. This is only applicable when the clock divider is used.
Setting Bits[6:4] greater than Register 0x0B, Bits[2:0] is prohibited.
Table 20. Input Clock Phase Adjust Options
Input Clock Phase Adjust, Bits[6:4]
Number of Input Clock
Cycles of Phase Delay
000 (default)
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com