Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9656EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9656EBZ
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9656EBZ Datasheet HTML 10Page - Analog Devices AD9656EBZ Datasheet HTML 11Page - Analog Devices AD9656EBZ Datasheet HTML 12Page - Analog Devices AD9656EBZ Datasheet HTML 13Page - Analog Devices AD9656EBZ Datasheet HTML 14Page - Analog Devices AD9656EBZ Datasheet HTML 15Page - Analog Devices AD9656EBZ Datasheet HTML 16Page - Analog Devices AD9656EBZ Datasheet HTML 17Page - Analog Devices AD9656EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Data Sheet
AD9656
Rev. A | Page 13 of 46
Pin No.
Mnemonic
Description
34
DNC
Do Not Connect. Do not connect to this pin.
35
SCLK
SPI Clock Input.
36
SDIO
SPI Data Input and Output, Bidirectional.
37
CSB
SPI Chip Select Bar. Active low enable; 30 kΩ internal pull-up resistor.
38
PDWN
Digital Input. This pin has a 30 kΩ internal pull-down resistor. PDWN high = power-down device and
PDWN low = run device (normal operation).
40
VINA−
ADC A Analog Input Complement.
41
VINA+
ADC A Analog Input True.
44
VINB+
ADC B Analog Input True.
45
VINB−
ADC B Analog Input Complement.
47
RBIAS
Sets Analog Current Bias. This pin connects a 10 kΩ (1% tolerance) resistor to ground.
48
SENSE
Reference Mode Selection.
49
VREF
Voltage Reference Input and Output.
50
VCM
Analog Input Common-Mode Voltage.
51
SYNC
Digital Input. Synchronous input to clock divider.
54
VINC−
ADC C Analog Input Complement.
55
VINC+
ADC C Analog Input True.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com