Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9656EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9656EBZ
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9656EBZ Datasheet HTML 2Page - Analog Devices AD9656EBZ Datasheet HTML 3Page - Analog Devices AD9656EBZ Datasheet HTML 4Page - Analog Devices AD9656EBZ Datasheet HTML 5Page - Analog Devices AD9656EBZ Datasheet HTML 6Page - Analog Devices AD9656EBZ Datasheet HTML 7Page - Analog Devices AD9656EBZ Datasheet HTML 8Page - Analog Devices AD9656EBZ Datasheet HTML 9Page - Analog Devices AD9656EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Data Sheet
AD9656
Rev. A | Page 5 of 46
AC SPECIFICATIONS, VREF = 1.4 V
AVDD = 1.8 V, DRVDD = 1.8 V, 2.8 V p-p full-scale differential input, 1.4 V reference, AIN = −1.0 dBFS, 125 MSPS, unless otherwise noted.
Table 3.
Parameter1
Temperature
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 9.7 MHz
25°C
80.1
dBFS
fIN = 16 MHz
25°C
79.9
dBFS
fIN = 64 MHz
Full
75.7
78.1
dBFS
fIN = 128 MHz
25°C
75
dBFS
fIN = 201 MHz
25°C
72.7
dBFS
fIN = 301 MHz
25°C
69.7
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION (SINAD) RATIO
fIN = 9.7 MHz
25°C
79.6
dBFS
fIN = 16 MHz
25°C
78.4
dBFS
fIN = 64 MHz
Full
74.8
77.3
dBFS
fIN = 128 MHz
25°C
74.4
dBFS
fIN = 201 MHz
25°C
71
dBFS
fIN = 301 MHz
25°C
68.6
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
12.9
Bits
fIN = 16 MHz
25°C
12.7
Bits
fIN = 64 MHz
Full
12.1
12.5
Bits
fIN = 128 MHz
25°C
12.1
Bits
fIN = 201 MHz
25°C
11.5
Bits
fIN = 301 MHz
25°C
11.1
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 9.7 MHz
25°C
89
dBc
fIN = 16 MHz
25°C
87
dBc
fIN = 64 MHz
Full
78
86
dBc
fIN = 128 MHz
25°C
84
dBc
fIN = 201 MHz
25°C
76
dBc
fIN = 301 MHz
25°C
75
dBc
WORST HARMONIC (SECOND OR THIRD)
fIN = 9.7 MHz
25°C
−89
dBc
fIN = 16 MHz
25°C
−87
dBc
fIN = 64 MHz
Full
−86
−78
dBc
fIN = 128 MHz
25°C
−84
dBc
fIN = 201 MHz
25°C
−76
dBc
fIN = 301 MHz
25°C
−75
dBc
WORST OTHER SPUR OR HARMONIC (EXCLUDING SECOND OR THIRD)
fIN = 9.7 MHz
25°C
−96
dBc
fIN = 16 MHz
25°C
−92
dBc
fIN = 64 MHz
Full
−90
−87
dBc
fIN = 128 MHz
25°C
−89
dBc
fIN = 201 MHz
25°C
−93
dBc
fIN = 301 MHz
25°C
−90
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com