Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9656EBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9656EBZ
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656EBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9656EBZ Datasheet HTML 21Page - Analog Devices AD9656EBZ Datasheet HTML 22Page - Analog Devices AD9656EBZ Datasheet HTML 23Page - Analog Devices AD9656EBZ Datasheet HTML 24Page - Analog Devices AD9656EBZ Datasheet HTML 25Page - Analog Devices AD9656EBZ Datasheet HTML 26Page - Analog Devices AD9656EBZ Datasheet HTML 27Page - Analog Devices AD9656EBZ Datasheet HTML 28Page - Analog Devices AD9656EBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
AD9656
Data Sheet
Rev. A | Page 24 of 46
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or to improve thermal drift
characteristics. Figure 55 and Figure 56 show the typical drift
characteristics of the internal reference in 1.0 V mode and
1.4 V mode, respectively.
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
–40
–15
10
35
60
85
TEMPERATURE (°C)
INTERNAL VREF = 1.0V
Figure 55. VREF Error vs. Temperature, Typical VREF = 1.0 V Drift
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
–40
–15
10
35
60
85
TEMPERATURE (°C)
INTERNAL VREF = 1.4V
Figure 56. VREF Error vs. Temperature, Typical VREF = 1.4 V Drift
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
7.5 kΩ load. The internal buffer generates the positive and
negative full-scale references for the ADC core.
It is not recommended to leave the SENSE pin floating.
CLOCK INPUT CONSIDERATIONS
For optimum performance, clock the AD9656 sample clock inputs,
CLK+ and CLK−, with a differential signal. The signal is typically
ac-coupled into the CLK+ and CLK− pins via a transformer or
capacitors. These pins are biased internally and require no
external bias.
Clock Input Options
The AD9656 has a flexible clock input structure. The clock input
can be a CMOS, LVDS, LVPECL, or sine wave signal. Regardless of
the type of signal used, clock source jitter is of the most
concern, as described in the Jitter Considerations section.
Figure 57 and Figure 58 show two preferred methods for clocking
the AD9656 (at clock rates up to 1 GHz prior to internal clock
divider). A low jitter clock source is converted from a single-ended
signal to a differential signal using either a radio frequency (RF)
transformer or an RF balun.
The RF balun configuration is recommended for clock frequencies
between 125 MHz and 1 GHz, and the RF transformer
configuration is recommended for clock frequencies from 40 MHz
to 200 MHz. The Schottky diodes, across the transformer/balun
secondary winding, limit clock excursions into the AD9656 to
approximately 0.8 V p-p differential (see Figure 57 and Figure 58).
This limit helps prevent the large voltage swings of the clock from
feeding through to other portions of the AD9656 while preserving
the fast rise and fall times of the signal that are critical to achieving
low jitter performance. However, the diode capacitance has an
effect on frequencies above 500 MHz. Take care in choosing the
appropriate signal limiting diode.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1 Z
XFMR
Figure 57. Transformer-Coupled Differential Clock (Up to 200 MHz)
0.1µF
0.1µF
0.1µF
CLOCK
INPUT
0.1µF
50Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 58. Balun-Coupled Differential Clock (Up to 1 GHz)
If a low jitter clock source is not available, another option is to
ac-couple a differential PECL signal to the sample clock input
pins, as shown in Figure 59. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516/AD9517 clock drivers offer
excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
ADC
AD951x
PECL DRIVER
Figure 59. Differential PECL Sample Clock (Up to 1 GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com