Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4513 Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC4513
Description  High Efficiency 1MHz, Step up Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4513 Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC4513 Datasheet HTML 7Page - E-CMOS Corporation EC4513 Datasheet HTML 8Page - E-CMOS Corporation EC4513 Datasheet HTML 9Page - E-CMOS Corporation EC4513 Datasheet HTML 10Page - E-CMOS Corporation EC4513 Datasheet HTML 11Page - E-CMOS Corporation EC4513 Datasheet HTML 12Page - E-CMOS Corporation EC4513 Datasheet HTML 13Page - E-CMOS Corporation EC4513 Datasheet HTML 14Page - E-CMOS Corporation EC4513 Datasheet HTML 15Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
High Efficiency 1MHz, Step up Regulator
EC4513
E-CMOS Corp. (www.ecmos.com.tw)
Page 11 of 15
3G16N-Rev.P001
Typical Application Circuit(Cont.)
Figure 3. General Boost Converter Application
Designation
Supplier
Part Number
Specification
Wedsite
L1
GOTREND
GTSD53
10uH, 1.33A
www.gotrend.com.tw
C1
Murata
GRM31CR61E106K
X5R, 25V, 10uF
www.murata.com
C2
Murata
GRM155R61A105K
X5R, 10V, 1u F
www.murata.com
C3
Murata
GRM155R60J224KE01
X5R, 6.3V. 0.22uF
www.murata.com
C5
Murata
GRM21BR71H105KA12
X7R, 50V, 1u F
www.murata.com
D1
Zowie
MSCD104
1.0A, 40V
www.zowie.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com