Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4513 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC4513
Description  High Efficiency 1MHz, Step up Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4513 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC4513 Datasheet HTML 1Page - E-CMOS Corporation EC4513 Datasheet HTML 2Page - E-CMOS Corporation EC4513 Datasheet HTML 3Page - E-CMOS Corporation EC4513 Datasheet HTML 4Page - E-CMOS Corporation EC4513 Datasheet HTML 5Page - E-CMOS Corporation EC4513 Datasheet HTML 6Page - E-CMOS Corporation EC4513 Datasheet HTML 7Page - E-CMOS Corporation EC4513 Datasheet HTML 8Page - E-CMOS Corporation EC4513 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
High Efficiency 1MHz, Step up Regulator
EC4513
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 15
3G16N-Rev.P001
Absolute Maximum Ratings
Recommended Operating Conditions
Symbol
Parameter
Rating
Unit
VIN
VIN Pin toGND
VIN pin to GND
-0.3 ~ 30
V
VLX
VIN Pin toGND
LX pin to PGND
-0.3 ~ 30
V
VOVP
VIN Pin toGND
OVP pin to GND
-0.3 ~ 30
V
VBP
VIN Pin toGND
BP pin to GND
-0.3 ~ 6
V
VEN
VIN Pin toGND
EN pin to GND
-0.3 ~ 30
V
VALS
VIN Pin toGND
ALS pin to GND
-0.3 ~ 6
V
VIN Pin toGND
PGND to GND
-0.3 ~ +0.3
V
TJ
VIN Pin toGND
Maximum Junction Temperature
150
℃
TSTG
VIN Pin toGND
Storage Temperature Range
-65 to 150
℃
TL
VIN Pin toGND
Maximum Lead Soldering Temperature,10 seconds
260
℃
Symbol
Parameter
Typical
Value
Unit
VIN
VIN Supply Voltage(VIN=BP)
2.7
‐5.5
V
VIN Supply Voltage(BP is Open)
3.7~21
VOUT
Output Voltage
Up to 30
V
TA
Operating Ambient Temperature
-40~85
℃
TJ
Operating Junction Temperature
-40~125
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com