Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4513 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC4513
Description  High Efficiency 1MHz, Step up Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4513 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC4513 Datasheet HTML 1Page - E-CMOS Corporation EC4513 Datasheet HTML 2Page - E-CMOS Corporation EC4513 Datasheet HTML 3Page - E-CMOS Corporation EC4513 Datasheet HTML 4Page - E-CMOS Corporation EC4513 Datasheet HTML 5Page - E-CMOS Corporation EC4513 Datasheet HTML 6Page - E-CMOS Corporation EC4513 Datasheet HTML 7Page - E-CMOS Corporation EC4513 Datasheet HTML 8Page - E-CMOS Corporation EC4513 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
High Efficiency 1MHz, Step up Regulator
EC4513
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 15
3G16N-Rev.P001
Pin Description
Pin Number
Pin Name
Description
1
FB
Regulator Feedback Pin. Connect a current sense resistor to GND to set the LED Current.
2
COMP
Error Amplifier Output. Connect a 0.22uF capacitor for compensation and soft-start. When
EN is pulled low, an internal switch will discharge the COMP voltage to 0V
3
OVP
Output Over Voltage Monitor Pin. Tie to VOUT for OVP function.
4
EN
Enable Control Input. Pull EN above 2.4V to enable the device. Pull EN below 0.4V to
disable the device. The EN Pin cannot be left floating.
5
PGND
Power GND. Source of the internal N-channel power MOSFET.
6
LX
Internal Power MOSFET Drain.
7
VIN
Supply Voltage Input.
8
BP
Output of The Internal 5V Regulator. Connect a 1uF bypass capacitor to GND Do not apply
an external load to BP
9
GND
Signal Ground.
10
ALS
Ambient Light Sensor Input. Allow the light sensor to control the FB voltage for LED
dimming. If the ALS function is not used, tie the ALS pin to BP pin.
Ordering Information
Part Number
Package
Marking
Marking Information
EC4513NNFNR
DFN 3x3-10
4513
LLLL
1.LLLL:Last four number of Lot No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com