Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4513 Datasheet(PDF) 13 Page - E-CMOS Corporation

Part # EC4513
Description  High Efficiency 1MHz, Step up Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4513 Datasheet(HTML) 13 Page - E-CMOS Corporation

Back Button EC4513 Datasheet HTML 7Page - E-CMOS Corporation EC4513 Datasheet HTML 8Page - E-CMOS Corporation EC4513 Datasheet HTML 9Page - E-CMOS Corporation EC4513 Datasheet HTML 10Page - E-CMOS Corporation EC4513 Datasheet HTML 11Page - E-CMOS Corporation EC4513 Datasheet HTML 12Page - E-CMOS Corporation EC4513 Datasheet HTML 13Page - E-CMOS Corporation EC4513 Datasheet HTML 14Page - E-CMOS Corporation EC4513 Datasheet HTML 15Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
High Efficiency 1MHz, Step up Regulator
EC4513
E-CMOS Corp. (www.ecmos.com.tw)
Page 13 of 15
3G16N-Rev.P001
Application Information
Connecting More LED Strings
The EC4513 can drive 8 LED strings in parallel and up to 8
LEDs per string (VF<3.5V). Each string must have the same
number of LEDs. In the applications that have the same total
number of LEDs, more strings and less LEDs in series are
more efficiency than less strings and more LEDs in series.
Brightness Control
The method for dimming the LEDs is to apply a PWM voltage
through an RC filter into the FB pin.
The RC filter is used to convert the PWM voltage into an analog
voltage. The values of the R and C depend upon the frequency
of the PWM voltage and the amount of allowable ripple voltage
on FB pin. The LED current is proportional to the PWM duty
cycle. 0 % duty delivers maximum LED current and 100% duty
delivers minimum LED current. The values of R1 and R2 are
calculated by the following equations:
where:
ILED(max) is the maximum LED current
ILED(min) is the minimum LED current
VADJ(high) is the maximum PWM voltage level
VADJ(low) is the minimum PWM voltage level
VFB is the FB pin Voltage
Figure 4. Dimming with the PWM Voltage
Inductor Selection
A larger value of inductor will reduce the peak inductor current,
resulting in smaller input ripple current, higher efficiency and
reducing stress on the internal MOSFET. However,the larger
value of inductor has a large dimension, lower saturation current,
and higher series resistance.
A good rule for determining the inductance is to allow the
peak-to-peak ripple current to be approximately 30% to 50%
of the maximum input current. Calculate the required
inductance value by the equation:
It is necessary to choose an inductor that ensures the inductor
saturation current rating to exceed the peak inductor current for
the application.
To make sure that the peak inductor current is below the
current-limit 2.5A. Calculating the peak inductor current by the
following equation:
where
η is the effiency
Schottky Diode Selection
A fast recovery time and low forward voltage Schottky diode is
necessary for optimum efficiency. Ensure that the
diode’s
average and peak current rating exceed the average output
current and peak inductor current. In addition, the
diode’s
reverse voltage must exceed output voltage.
Capacitor Selection
An input capacitor is required to supply the ripple current to the
inductor and stabilize the input voltage. Larger input capacitor
values and lower ESR provide smaller input voltage ripple and
noise. The typical value for input capacitor is 2.2uF to 10uF.
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com