Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9484 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9484
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9484 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9484 Datasheet HTML 9Page - Analog Devices AD9484 Datasheet HTML 10Page - Analog Devices AD9484 Datasheet HTML 11Page - Analog Devices AD9484 Datasheet HTML 12Page - Analog Devices AD9484 Datasheet HTML 13Page - Analog Devices AD9484 Datasheet HTML 14Page - Analog Devices AD9484 Datasheet HTML 15Page - Analog Devices AD9484 Datasheet HTML 16Page - Analog Devices AD9484 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD9484
Rev. A | Page 12 of 24
0
10
20
30
40
50
60
70
80
90
100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AMPLITUDE (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 16. Two-Tone SFDR vs. Input Amplitude; 500 MSPS,
119.5 MHz, 122.5 MHz
30
40
50
60
70
80
90
1.5
1.6
1.7
1.8
1.9
2.0
VCM (V)
SFDR (dBc)
SNR (dBFS)
Figure 17. SNR/SFDR vs. Common-Mode Voltage; 500 MSPS,
AIN = 140.3 MHz
0
100
200
300
400
500
600
700
800
50
100
150
200
250
300
350
SAMPLE RATE (MSPS)
IAVDD
IDRVDD
TOTAL POWER
Figure 18. Current and Power vs. Sample Rate, AIN = 30.3 MHz
30
35
40
45
50
55
60
65
70
75
80
500
600
700
800
900
1000
FREQUENCY (MHz)
SNR (dBFS)
SFDR (dBc)
Figure 19. SNR/SFDR at 500 MSPS; AIN Sweep at −1.0 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com