Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9484 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9484
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9484 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9484 Datasheet HTML 12Page - Analog Devices AD9484 Datasheet HTML 13Page - Analog Devices AD9484 Datasheet HTML 14Page - Analog Devices AD9484 Datasheet HTML 15Page - Analog Devices AD9484 Datasheet HTML 16Page - Analog Devices AD9484 Datasheet HTML 17Page - Analog Devices AD9484 Datasheet HTML 18Page - Analog Devices AD9484 Datasheet HTML 19Page - Analog Devices AD9484 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
AD9484
Rev. A | Page 15 of 24
AD9484
AD8352
0Ω
R
0Ω
CD
RD
RG
0.1µF
0.1µF
0.1µF
VIN+
VIN– CML
C
0.1µF
0.1µF
16
1
2
3
4
5
11
R
0.1µF
0.1µF
10
8, 13
14
VCC
200Ω
200Ω
ANALOG INPUT
ANALOG INPUT
Figure 30. Differential Input Configuration Using the AD8352
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
AD9510/AD9511/
AD9512/AD9513/
AD9514/AD9515
50Ω1
50Ω1
CLK
CLK
150Ω RESISTORS ARE OPTIONAL.
CLK–
CLK+
ADC
AD9484
PECL DRIVER
CLOCK
INPUT
CLOCK
INPUT
Figure 31. Differential PECL Sample Clock
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
AD9510/AD9511/
AD9512/AD9513/
AD9514/AD9515
50Ω1
50Ω1
CLK
CLK
150Ω RESISTORS ARE OPTIONAL.
CLK–
CLK+
ADC
AD9484
LVDS DRIVER
CLOCK
INPUT
CLOCK
INPUT
Figure 32. Differential LVDS Sample Clock
CLOCK INPUT CONSIDERATIONS
For optimum performance, drive the AD9484 sample clock
inputs (CLK+ and CLK−) with a differential signal. This signal
is typically ac-coupled into the CLK+ and CLK− pins via a
transformer or capacitors. These pins are biased at ~0.9 V
internally and require no additional bias. If the clock signal is
dc-coupled, then the common-mode voltage should remain
within a range of 0.9 V.
Figure 33 shows one preferred method for clocking the AD9484.
The low jitter clock source is converted from single-ended to
differential using an RF transformer. The back-to-back Schottky
diodes across the secondary transformer limit clock excursions
into the AD9484 to approximately 0.8 V p-p differential. This
helps prevent the large voltage swings of the clock from feeding
through to other portions of the AD9484 and preserves the fast
rise and fall times of the signal, which are critical to low jitter
performance.
0.1µF
0.1µF
0.1µF
0.1µF
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
AD9484
MINI-CIRCUITS
ADT1–1WT, 1:1Z
XFMR
SCHOTTKY
DIODES:
HSM2812
Figure 33. Transformer-Coupled Differential Clock
If a low jitter clock is available, another option is to ac couple a
differential PECL signal to the sample clock input pins, as
shown in Figure 31. The AD9510/AD9511/AD9512/AD9513/
AD9514/AD9515 family of clock drivers offers excellent jitter
performance.
In some applications, it may be acceptable to drive the sample
clock inputs with a single-ended 1.8 V CMOS signal. In such
applications, drive the CLK+ pin directly from a CMOS gate,
and bypass the CLK− pin to ground with a 0.1 μF capacitor in
parallel with a 39 kΩ resistor (see Figure 34).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com