Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9484 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9484
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9484 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9484 Datasheet HTML 15Page - Analog Devices AD9484 Datasheet HTML 16Page - Analog Devices AD9484 Datasheet HTML 17Page - Analog Devices AD9484 Datasheet HTML 18Page - Analog Devices AD9484 Datasheet HTML 19Page - Analog Devices AD9484 Datasheet HTML 20Page - Analog Devices AD9484 Datasheet HTML 21Page - Analog Devices AD9484 Datasheet HTML 22Page - Analog Devices AD9484 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD9484
Rev. A | Page 18 of 24
AD9484 CONFIGURATION USING THE SPI
The AD9484 SPI allows the user to configure the converter for
specific functions or operations through a structured register
space inside the ADC. This gives the user added flexibility to
customize device operation depending on the application.
Addresses are accessed (programmed or readback) serially in
1-byte words. Each byte can be further divided into fields,
which are documented in the Memory Map section.
There are three pins that define the serial port interface (SPI) to
this particular ADC. They are the SCLK/DFS, SDIO and CSB
pins. The SCLK/DFS (serial clock) is used to synchronize the
read and write data presented the ADC. The SDIO (serial data
input/output) is a dual-purpose pin that allows data to be sent
to and read from the internal ADC memory map registers. The
CSB is an active low control that enables or disables the read
and write cycles (see Table 8).
Table 8. Serial Port Pins
Mnemonic
Function
SCLK
SCLK (serial clock) is the serial shift clock in.
SCLK is used to synchronize serial interface
reads and writes.
SDIO
SDIO (serial data input/output) is a dual-purpose
pin. The typical role for this pin is an input and
output depending on the instruction being sent
and the relative position in the timing frame.
CSB
CSB (chip select) is an active low control that
gates the read and write cycles.
The falling edge of the CSB, in conjunction with the rising edge
of the SCLK, determines the start of the framing. An example of
the serial timing and its definitions can be found in Figure 39
and Table 10.
During an instruction phase, a 16-bit instruction is transmitted.
Data then follows the instruction phase and is determined by
the W0 and W1 bits, which is one or more bytes of data. All
data is composed of 8-bit words. The first bit of each individual
byte of serial data indicates whether this is a read or write
command. This allows the serial data input/output (SDIO) pin
to change direction from an input to an output.
Data can be sent in MSB or in LSB first mode. MSB first is
default on power-up and can be changed by changing the
configuration register. For more information about this feature
and others, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI at www.analog.com.
HARDWARE INTERFACE
The pins described in Table 8 comprise the physical interface
between the programming device of the user and the serial port
of the AD9484. The SCLK pin and the CSB pin function as
inputs when using the SPI interface. The SDIO pin is bidirec-
tional, functioning as an input during the write phase and as an
output during readback.
This interface is flexible enough to be controlled by either
PROMs or PIC® microcontrollers as well. This provides the user
with an alternate method to program the ADC other than a SPI
controller.
If the user chooses not to use the SPI interface, some pins serve
a dual function and are associated with a specific function when
strapped externally to AVDD or ground during device power-
on. The Configuration Without the SPI section describes the
strappable functions supported on the AD9484.
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers,
the SCLK/DFS pin can alternately serve as a standalone CMOS-
compatible control pin. Connect the CSB pin to AVDD, which
disables the serial port interface.
Table 9. Mode Selection
Mnemonic
External
Voltage
Configuration
AVDD
Twos complement enabled
SCLK/DFS
AGND
Offset binary enabled
DON’T CARE
DON’T CARE
CSB
tS
tDH
tHIGH
tCLK
tLOW
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
SDIO DON’T CARE
SCLK DON’T CARE
Figure 39. Serial Port Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com