Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9484 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9484
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9484 Datasheet(HTML) 3 Page - Analog Devices

  AD9484 Datasheet HTML 1Page - Analog Devices AD9484 Datasheet HTML 2Page - Analog Devices AD9484 Datasheet HTML 3Page - Analog Devices AD9484 Datasheet HTML 4Page - Analog Devices AD9484 Datasheet HTML 5Page - Analog Devices AD9484 Datasheet HTML 6Page - Analog Devices AD9484 Datasheet HTML 7Page - Analog Devices AD9484 Datasheet HTML 8Page - Analog Devices AD9484 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
AD9484
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
DC Specifications ......................................................................... 3
 
AC Specifications.......................................................................... 4
 
Digital Specifications ................................................................... 5
 
Switching Specifications .............................................................. 6
 
Absolute Maximum Ratings............................................................ 7
 
Thermal Resistance ...................................................................... 7
 
ESD Caution.................................................................................. 7
 
Pin Configuration and Function Descriptions............................. 8
 
Typical Performance Characteristics ........................................... 10
 
Equivalent Circuits ......................................................................... 13
 
Theory of Operation ...................................................................... 14
 
Analog Input and Voltage Reference ....................................... 14
 
Clock Input Considerations...................................................... 15
 
Power Dissipation and Power-Down Mode ........................... 16
 
Digital Outputs ........................................................................... 16
 
Timing ......................................................................................... 17
 
VREF............................................................................................ 17
 
AD9484 Configuration Using the SPI ..................................... 18
 
Hardware Interface..................................................................... 18
 
Configuration Without the SPI ................................................ 18
 
Memory Map .................................................................................. 20
 
Reading the Memory Map Table.............................................. 20
 
Reserved Locations .................................................................... 20
 
Default Values ............................................................................. 20
 
Logic Levels................................................................................. 20
 
Outline Dimensions ....................................................................... 23
 
Ordering Guide .......................................................................... 23
 
REVISION HISTORY
6/11—Rev. 0 to Rev. A
Change to General Description Section ........................................ 1
Change to Aperture Time Parameter in Table 4........................... 6
Change to Figure 34 ....................................................................... 16
Changes to Register 17 and Register 18 in Table 12 .................. 20
3/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com