Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9608 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9608
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9608 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9608 Datasheet HTML 5Page - Analog Devices AD9608 Datasheet HTML 6Page - Analog Devices AD9608 Datasheet HTML 7Page - Analog Devices AD9608 Datasheet HTML 8Page - Analog Devices AD9608 Datasheet HTML 9Page - Analog Devices AD9608 Datasheet HTML 10Page - Analog Devices AD9608 Datasheet HTML 11Page - Analog Devices AD9608 Datasheet HTML 12Page - Analog Devices AD9608 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
AD9608
Data Sheet
Rev. C | Page 8 of 40
TIMING SPECIFICATIONS
Table 5.
Parameter
Descriptions
Limit
SYNC TIMING REQUIREMENTS
tSSYNC
SYNC to rising edge of CLK+ setup time
0.24 ns typ
tHSYNC
SYNC to rising edge of CLK+ hold time
0.40 ns typ
SPI TIMING REQUIREMENTS
tDS
Setup time between the data and the rising edge of SCLK
2 ns min
tDH
Hold time between the data and the rising edge of SCLK
40 ns min
tCLK
Period of the SCLK
2 ns min
tS
Setup time between CSB and SCLK
2 ns min
tH
Hold time between CSB and SCLK
10 ns min
tHIGH
SCLK pulse width high
10 ns min
tLOW
SCLK pulse width low
10 ns min
tEN_SDIO
Time required for the SDIO pin to switch from an input to an output relative to the
SCLK falling edge
10 ns min
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an input relative to the
SCLK rising edge
2 ns min
Timing Diagrams
tPD
tSKEW
tCH
tDCO
tCLK
N – 16
N – 17
N – 1
N + 1
N + 2
N + 3
N + 5
N + 4
N
N – 15
N – 14
N – 13
N – 12
VIN
CLK+
CLK–
CH A/CH B DATA
DCOA/DCOB
tA
Figure 2. CMOS Default Output Mode Data Output Timing
tPD
tSKEW
tCH
tDCO
tCLK
CH A
N – 16
CH B
N – 16
CH A
N – 15
CH B
N – 15
CH A
N – 14
CH B
N – 14
CH A
N – 13
CH B
N – 13
CH A
N – 12
N – 1
N + 1
N + 2
N + 3
N + 5
N + 4
N
VIN
CLK+
CLK–
CH A DATA
DCOA/DCOB
tA
CH B DATA
CH B
N – 16
CH A
N – 16
CH B
N – 15
CH A
N – 15
CH B
N – 14
CH A
N – 14
CH B
N – 13
CH A
N – 13
CH B
N – 12
Figure 3. CMOS Interleaved Output Mode Data Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com