Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9608 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9608
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9608 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9608 Datasheet HTML 17Page - Analog Devices AD9608 Datasheet HTML 18Page - Analog Devices AD9608 Datasheet HTML 19Page - Analog Devices AD9608 Datasheet HTML 20Page - Analog Devices AD9608 Datasheet HTML 21Page - Analog Devices AD9608 Datasheet HTML 22Page - Analog Devices AD9608 Datasheet HTML 23Page - Analog Devices AD9608 Datasheet HTML 24Page - Analog Devices AD9608 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
AD9608
Data Sheet
Rev. C | Page 20 of 40
AD9608-105
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, and DCS enabled, unless
otherwise noted.
0
–20
–40
–60
–80
–100
–120
0
50
10
20
30
40
FREQUENCY (MHz)
105MSPS
9.7MHz AT –1dBFS
SNR = 60.7dB (61.7dBFS)
SFDR = 84.9dBc
Figure 23. Single-Tone FFT with fIN = 9.7 MHz
0
–20
–40
–60
–80
–100
–120
0
50
10
20
30
40
FREQUENCY (MHz)
105MSPS
30.5MHz AT –1dBFS
SNR = 60.6dB (61.6dBFS)
SFDR = 84.5dBc
Figure 24. Single-Tone FFT with fIN = 30.5 MHz
0
–20
–40
–60
–80
–100
–120
0
50
10
20
30
40
FREQUENCY (MHz)
105MSPS
70.1MHz AT –1dBFS
SNR = 60.7dB (61.7dBFS)
SFDR = 86.8dBc
Figure 25. Single-Tone FFT with fIN = 70.1 MHz
0
–20
–40
–60
–80
–100
–120
0
50
10
20
30
40
FREQUENCY (MHz)
105MSPS
100.5MHz AT –1dBFS
SNR = 60.7dB (61.7dBFS)
SFDR = 85.9dBc
Figure 26. Single-Tone FFT with fIN = 100.5 MHz
0
–20
–40
–60
–80
–100
–120
0
50
10
20
30
40
FREQUENCY (MHz)
105MSPS
200.5MHz AT –1dBFS
SNR = 60.3dB (61.3dBFS)
SFDR = 85.9dBc
Figure 27. Single-Tone FFT with fIN = 200.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com