Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9608 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9608
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9608 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9608 Datasheet HTML 9Page - Analog Devices AD9608 Datasheet HTML 10Page - Analog Devices AD9608 Datasheet HTML 11Page - Analog Devices AD9608 Datasheet HTML 12Page - Analog Devices AD9608 Datasheet HTML 13Page - Analog Devices AD9608 Datasheet HTML 14Page - Analog Devices AD9608 Datasheet HTML 15Page - Analog Devices AD9608 Datasheet HTML 16Page - Analog Devices AD9608 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
AD9608
Data Sheet
Rev. C | Page 12 of 40
Pin No.
Mnemonic
Type
Description
Digital Input
3
SYNC
Input
Digital Synchronization Pin. Slave mode only.
Digital Outputs
32
D0A (LSB)
Output
Channel A CMOS Output Data.
33
D1A
Output
Channel A CMOS Output Data.
34
D2A
Output
Channel A CMOS Output Data.
35
D3A
Output
Channel A CMOS Output Data.
36
D4A
Output
Channel A CMOS Output Data.
38
D5A
Output
Channel A CMOS Output Data.
39
D6A
Output
Channel A CMOS Output Data.
40
D7A
Output
Channel A CMOS Output Data.
41
D8A
Output
Channel A CMOS Output Data.
42
D9A (MSB)
Output
Channel A CMOS Output Data.
43
ORA
Output
Channel A Overrange Output.
11
D0B (LSB)
Output
Channel B CMOS Output Data.
12
D1B
Output
Channel B CMOS Output Data.
13
D2B
Output
Channel B CMOS Output Data.
14
D3B
Output
Channel B CMOS Output Data.
15
D4B
Output
Channel B CMOS Output Data.
16
D5B
Output
Channel B CMOS Output Data.
17
D6B
Output
Channel B CMOS Output Data.
18
D7B
Output
Channel B CMOS Output Data.
20
D8B
Output
Channel B CMOS Output Data.
21
D9B (MSB)
Output
Channel B CMOS Output Data.
22
ORB
Output
Channel B Overrange Output
24
DCOA
Output
Channel A Data Clock Output.
23
DCOB
Output
Channel B Data Clock Output.
SPI Control
45
SCLK/DFS
Input
SPI Serial Clock/Data Format Select Pin in External Pin Mode.
44
SDIO/DCS
Input/Output
SPI Serial Data I/O/Duty Cycle Stabilizer Pin in External Pin Mode.
46
CSB
Input
SPI Chip Select (Active Low).
ADC Configuration
47
OEB
Input
Output Enable Input (Active Low).
48
PDWN
Input
Power-Down Input in External Pin Mode. In SPI mode, this input can be configured
as power-down or standby.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com