Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9608 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9608
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9608 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9608 Datasheet HTML 8Page - Analog Devices AD9608 Datasheet HTML 9Page - Analog Devices AD9608 Datasheet HTML 10Page - Analog Devices AD9608 Datasheet HTML 11Page - Analog Devices AD9608 Datasheet HTML 12Page - Analog Devices AD9608 Datasheet HTML 13Page - Analog Devices AD9608 Datasheet HTML 14Page - Analog Devices AD9608 Datasheet HTML 15Page - Analog Devices AD9608 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Data Sheet
AD9608
Rev. C | Page 11 of 40
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
D1A
D2A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CLK+
CLK–
SYNC
NC
NC
NC
NC
NC
NC
D0B (LSB)
D1B
DRVDD
D2B
D3B
D4B
D5B
PDWN
OEB
CSB
SCLK/DFS
SDIO/DCS
ORA
D9A (MSB)
D8A
D7A
DRVDD
D6A
D5A
D4A
D3A
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9608
PARALLEL CMOS
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED THERMAL PAD ON THE BOTTOM OF THE PACKAGE PROVIDES
THE ANALOG GROUND FOR THE PART. THIS EXPOSED PAD MUST BE
CONNECTED TO GROUND FOR PROPER OPERATION.
Figure 6. Parallel CMOS Pin Configuration (Top View)
Table 8. Pin Function Descriptions (Parallel CMOS Mode)
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
10, 19, 28, 37
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
49, 50, 53, 54,
59, 60, 63, 64
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
4, 5, 6, 7, 8, 9,
25, 26, 27, 29,
30, 31
NC
No Connect. Do not connect to this pin.
0
AGND,
Exposed Pad
Ground
The exposed thermal pad on the bottom of the package provides the analog ground
for the part. This exposed pad must be connected to ground for proper operation.
ADC Analog
51
VIN+A
Input
Differential Analog Input Pin (+) for Channel A.
52
VIN−A
Input
Differential Analog Input Pin (−) for Channel A.
62
VIN+B
Input
Differential Analog Input Pin (+) for Channel B.
61
VIN−B
Input
Differential Analog Input Pin (−) for Channel B.
55
VREF
Input/Output
Voltage Reference Input/Output.
56
SENSE
Input
Reference Mode Selection.
58
RBIAS
Input/Output
External Reference Bias Resistor. Connect to 10 kΩ (1% tolerance) resistor to ground.
57
VCM
Output
Common-Mode Level Bias Output for Analog Inputs.
1
CLK+
Input
ADC Clock Input—True.
2
CLK−
Input
ADC Clock Input—Complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com