Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2843 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AS2843
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2843 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AS2843 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ASTEC Semiconductor
Current Mode Controller
AS2842/3/4/5
39
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage (ICC < 30 mA)
VCC
Self-Limiting
V
Supply Voltage (Low Impedance Source)
VCC
30
V
Output Current
IOUT
±1A
Output Energy (Capacitive Load)
5
µJ
Analog Inputs (Pin 2, Pin 3)
– 0.3 to 30
V
Error Amp Sink Current
10
mA
Maximum Power Dissipation
PD
8L SOIC
750
mW
8L PDIP
1000
mW
Maximum Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
– 65 to 150
°C
Lead Temperature, Soldering 10 Seconds
TL
300
°C
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Recommended Conditions
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
AS2842,4
15
V
AS2843,5
10
V
Oscillator
fOSC
50 to 500
kHz
Typical Thermal Resistances
Package
θJA
θJC
Typical Derating
8L PDIP
95
° C/W
50
° C/W
10.5 mW/
°C
8L SOIC
175
° C/W
45
° C/W
5.7 mW/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com