Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2843 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AS2843
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2843 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AS2843 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ASTEC Semiconductor
Current Mode Controller
AS2842/3/4/5
41
Electrical Characteristics (cont’d)
Electrical characteristics are guaranteed over full junction temperature range (-40 to 105
° C ). Ambient temperature must be derated based
on power dissipation and package thermal characteristics. The conditions are: VCC = 15 V, RT = 10 k
Ω,andCT=3.3nF,unlessotherwisestated.
To override UVLO, VCC should be raised above 17 V prior to test.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Error Amplifier
Input Voltage
VFB
TJ = 25
° C
2.475
2.50
2.525
V
Input Bias Current
IBIAS
– 0.1
–1
µA
Voltage Gain
AVOL
2
≤ VCOMP ≤ 4 V
65
90
dB
Transconductance
Gm
1
mA/mV
Unity Gain Bandwidth
1
GBW
0.8
1.2
MHz
Power Supply Rejection Ratio
PSRR
12
≤ VCC ≤ 25 V
60
70
dB
Output Sink Current
ICOMPL
VFB = 2.7 V, VCOMP = 1.1V
2
6
mA
Output Source Current
ICOMPH
VFB = 2.3 V, VCOMP = 5 V
0.5
0.8
mA
Output Swing High
VCOMPH
VFB = 2.3 V, RL = 15 k
Ω to Ground
5
5.5
V
Output Swing Low
VCOMPL
VFB = 2.7 V, RL = 15 k
Ω to Pin 8
0.7
1.1
V
Current Sense Comparator
Transfer Gain
2,3
AVCS
–0.2
≤ VSENSE ≤ 0.8 V
2.85
3.0
3.15
V/V
ISENSE Level Shift
2
VLS
VSENSE = 0 V
1.5
V
Maximum Input Signal2
VCOMP = 5 V
0.9
1
1.1
V
Power Supply Rejection Ratio
PSRR
12
≤ VCC ≤ 25 V
70
dB
Input Bias Current
IBIAS
–1
–10
µA
Propagation Delay to Output
1
tPD
85
150
ns
Output
Output Low Level
VOL
ISINK = 20 mA
0.1
0.4
V
VOL
ISINK = 200 mA
1.5
2.2
V
Output High Level
VOH
ISOURCE = 20mA
13
13.5
V
VOH
ISOURCE = 200mA
12
13.5
V
Rise Time
1
tR
CL = 1 nF
50
150
ns
Fall Time
1
tF
CL = 1 nF
50
150
ns
Housekeeping
Start-up Threshold
VCC(on)
2842/4
15
16
17
V
2843/5
7.8
8.4
9.0
V
Minimum Operating Voltage
VCC(min)
2842/4
9
10
11
V
After Turn On
2843/5
7.0
7.6
8.2
V
Output Low Level in UV State
VOUV
ISINK = 20 mA, VCC = 6 V
1.5
2.0
V
Over-Temperature Shutdown
4
TOT
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com