Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2843 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AS2843
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2843 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AS2843 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ASTEC Semiconductor
Current Mode Controller
AS2842/3/4/5
55
graphically in Figure 22.
First, current-mode controllers detect and control
the peak
inductor current, where as the
converter’s output corresponds to the average
inductor current. Figure 22(a) clearly shows that
the average inductor current (I1 & I2) changes as
the duty ratio (D1 & D2) changes. Note that for a
fixed control voltage, the peak current is the
same for any duty ratio. The difference between
the peak and average currents represents an
error which causes the converter to deviate from
true current-mode control.
Second, Figure 22(b) depicts how a small pertur-
bation of the inductor current (
∆I) can result in an
unstable condition. For duty ratios less than 50
%, the disturbance will quickly converge to a
steady state condition. For duty ratios greater
than 50 %,
∆I progressively increases on each
cycle, causing an unstable condition.
Both of these problems are corrected simulta-
neously by injecting a compensating ramp into
either the control voltage (VE) as shown in Figure
22(c) & (d), or to the current sense waveform at
pin 3. Since VE is not directly accessible, and, a
positive ramp waveform is readily available from
the oscillator at pin 4, it is more practical to add
the slope compensation to the current waveform.
This can be implemented quite simply with the
addition of a single resistor, RSLOPE, between pin
4 and pin 3 as shown in Figure 23(a). RSLOPE, in
conjunction with the leading edge filter resistor,
R1 (Section 2.1), forms a divider network which
determines the amount of slope added to the
waveform. The amount of slope added to the
current waveform is inversely proportional to the
value of RSLOPE. It has been determined that the
amount of slope (m) required is equal to or
greater than 1/2 the downslope (m2) of the induc-
tor current. Mathematically stated:
m
≥
m
2
2
(7)
In some cases the required value of RSLOPE may
be low enough to affect the oscillator circuit and
thus cause the frequency to shift. An emitter
follower circuit can be used as a buffer for RSLOPE
as depicted in Figure 23(b).
Slope compensation can also be used to improve
noise immunity in current mode converters oper-
ating at less than 50% duty ratio. Power supplies
Figure 23. Slope Compensation
RSLOPE
ISENSE
R1
IS
RS
RT
8
4
VREG
RT/CT
AS2842
3
5
GND
CT
RSLOPE
ISENSE
R1
IS
RS
RT
8
4
VREG
RT/CT
AS2842
3
5
GND
CT
(a)(b)
OPTIONAL
BUFFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com