Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2843 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AS2843
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2843 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AS2843 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS2843 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AS2842/3/4/5
Current Mode Controller
ASTEC Semiconductor
42
Notes:
1. This parameter is not 100% tested in production.
2. Parameter measured at trip point of PWM latch.
3. Transfer gain is the relationship between current sense input and corresponding error amplifier output at the PWM latch trip point
and is mathematically expressed as follows:
4. At the over-temperature threshold, TOT, the oscillator is disabled. The 5 V reference and the PWM stages, including the PWM
latch, remain powered.
Electrical Characteristics (cont’d)
Electrical characteristics are guaranteed over full junction temperature range (-40 to 105
° C ). Ambient temperature must be derated based
on power dissipation and package thermal characteristics. The conditions are: VCC = 15 V, RT = 10 k
Ω,andCT=3.3nF,unlessotherwisestated.
To override UVLO, VCC should be raised above 17 V prior to test.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
A
I
V
V
COMP
SENSE
=−
≤
≤
∆
∆
;
0.2
V
0.8
SENSE
PWM
Maximum Duty Cycle
Dmax
2842/3
94
97
100
%
Minimum Duty Cycle
Dmin
2842/3
0
%
Maximum Duty Cycle
Dmax
2844/5
49
49.5
50
%
Minimum Duty Cycle
Dmin
2844/5
0
%
Supply Current
Start-up Current
ICC
2842/4, VFB = VSENSE = 0 V, VCC = 14 V
0.5
1.0
mA
2843/5, VFB = VSENSE = 0 V, VCC = 7 V
0.3
0.5
mA
Operating Supply Current
ICC
917
mA
VCC Zener Voltage
VZ
ICC = 25 mA
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com