Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2845D-8 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AS2845D-8
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2845D-8 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AS2845D-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AS2842/3/4/5
Current Mode Controller
ASTEC Semiconductor
40
Electrical Characteristics
Electrical characteristics are guaranteed over full junction temperature range (-40 to 105
° C ). Ambient temperature must be derated based
on power dissipation and package thermal characteristics. The conditions are: VCC = 15 V, RT = 10 k
Ω, and CT = 3.3 nF, unless otherwise
stated. To override UVLO, VCC should be raised above 17 V prior to test.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
5 V Regulator
Output Voltage
VREG
TJ = 25
° C, IREG = 1 mA
4.95
5.00
5.05
V
Line Regulation
PSRR
12
≤ VCC ≤ 25 V
2
10
mV
Load Regulation
1
≤ IREG ≤ 20 mA
2
10
mV
Temperature Stability1
TCREG
0.2
0.4
mV/
°C
Total Output Variation
1
Line, load, temperature
4.85
5.15
V
Long-term Stability
1
Over 1,000 hrs at 25
° C5
25
mV
Output Noise Voltage
VNOISE
10 Hz
≤ f ≤ 100 kHz, TJ = 25° C50
µV
Short Circuit Current
ISC
30
100
180
mA
2.5 V Internal Reference
Nominal Voltage
VFB
T = 25
° C; IREG = 1 mA
2.475
2.500
2.525
V
Line Regulation
PSRR
12 V
≤ VCC ≤ 25 V
2
5
mV
Load Regulation
1
≤ IREG ≤ 20 mA
2
5
mV
Temperature Stability
1
TCVFB
0.1
0.2
mV/
°C
Total Output Variation1
Line, load, temperature
2.450
2.500
2.550
V
Long-term Stability
1
Over 1,000 hrs at 125
° C
2
12
mV
Oscillator
Initial Accuracy
fOSC
TJ = 25
° C
475257
kHz
Voltage Stability
12 V
≤ VCC ≤ 25 V
0.2
1
%
Temperature Stability
1
TCf
TMIN
≤ TJ≤ TMAX
5%
Amplitude
fOSC
VRT/CT peak-to-peak
1.6
V
Upper Trip Point
VH
2.9
V
Lower Trip Point
VL
1.3
V
Sync Threshold
VSYNC
400
600
800
mV
Discharge Current
ID
7.5
8.7
9.5
mA
Duty Cycle Limit
RT = 680
Ω, CT = 5.3 nF, TJ = 25° C
465052
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com