Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2845D-8 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AS2845D-8
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2845D-8 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AS2845D-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AS2842/3/4/5
Current Mode Controller
ASTEC Semiconductor
48
1.3 Oscillator
The newly designed oscillator of the AS2842 is
enhanced to give significantly improved perfor-
mance. These enhancements are discussed in
the following paragraphs. The basic operation of
the oscillator is as follows:
A simple RC network is used to program the
frequency and the maximum duty ratio of the
AS2842 output. See Figure 15. Timing capacitor
(CT) is charged through timing resistor (RT) from
the fixed 5.0 V at VREG. During the charging time,
the OUT (pin 6) is high. Assuming that the output
is not terminated by the PWM latch, when the
voltage across CT reaches the upper oscillator
trip point (
≈3.0 V), an internal current sink from
pin 4 to ground is turned on and discharges CT
towards the lower trip point. During this dis-
charge time, an internal clock pulse blanks the
output to its low state. When the voltage across
CT reaches the lower trip point (
≈1.3 V), the
current sink is turned off, the output goes high,
and the cycle repeats. Since the output is blanked
during the discharge of CT, it is the discharge time
which controls the output deadtime and hence,
the maximum duty ratio.
Figure 15. Oscillator Set-up and Waveforms
The nature of the AS2842 oscillator circuit is such
that, for a given frequency, many combinations of
RT and CT are possible. However, only one value
of RT will yield the desired maximum duty ratio at
a given frequency. Since a precise maximum
duty ratio clamp is critical for many power supply
designs, the oscillator discharge current is
trimmed in a unique manner which provides
significantly improved tolerances as explained
later in this section. In addition, the AS2844/5
options have an internal flip-flop which effectively
blanks every other output pulse (the oscillator
runs at twice the output frequency), providing an
absolute maximum 50% duty ratio regardless of
discharge time.
1.3.1 Selecting timing components RT and
CT
The values of RT and CT can be determined
mathematically by the following expressions:
5 V REG
OSCILLATOR
AS2842
6 OUTPUT
7 VCC
8
RT
CT
ID
5 GND
CLOCK
PWM
CT
OUTPUT
Large RT/Small CT
CT
OUTPUT
Small RT/ Large CT
4
C
D
R
D
R
T
T
T
=
ƒ


=
ƒ
()
OSC
L
H
OSC
K
K
ln
1.63
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com