Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2845D-8 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AS2845D-8
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2845D-8 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AS2845D-8 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AS2842/3/4/5
Current Mode Controller
ASTEC Semiconductor
54
latch is still fully operative, and the normal termi-
nation of this cycle by the current sense com-
parator will latch the output low until the over-
temperature condition is rectified. Cycling the
power will reset the over-temperature disable
mechanism, or the chip will re-start after cooling
through a nominal hysteresis band.
Section 2 – Design Considerations
2.1 Leading edge filter
The current sensed by RS contains a leading
edge spike as shown in Figure 20. This spike is
caused by parasitic elements within the circuit
including the interwinding capacitance of the
power transformer and the recovery characteris-
tics of the rectifier diode(s). The spike, if not
properly filtered, can cause stability problems by
prematurely terminating the output pulse.
A simple RC filter is used to suppress the spike.
The time constant should be chosen such that
it approximately equals the duration of the spike.
A good choice for R1 is 1 k
Ω, as this value
is optimum for the filter and at the same
time, it simplifies the determination of RSLOPE
(Section 2.2). If the duration of the spike is, for
example, 100 ns, then C is determined by:
C
=
=
=
Time Constant
k
ns
k
pF
1
(6)
100
1
100
Ω
Ω
2.2 Slope compensation
Current-mode controlled converters can experi-
ence instabilities or subharmonic oscillations
when operated at duty ratios greater than 50%.
Two different phenomena can occur as shown
Figure 22. Slope Compensation
T0
D1
D2
T1
IPK
VE
IL2
IL1
IAVG 2
IAVG 1
m
2
(a)
T0
D1
D2
T1
VE
∆I
m
2
(b)
∆I'
T0
D1
D2
T1
VE
IL2
IL1
IAVG 1 = IAVG 2
m
2
(c)
m = m
2/2
T0
D1
D2
T1
∆I
M
2
(d)
∆I'
VE
m = m
2/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com