Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2845D-8 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AS2845D-8
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2845D-8 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AS2845D-8 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS2845D-8 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AS2842/3/4/5
Current Mode Controller
ASTEC Semiconductor
50
ing. Standard 2842 devices specify or trim only
for a specific value of discharge current. This
makes precise and repeatable duty ratio clamp-
ing virtually impossible due to other IC toler-
ances. The AS2844/5 provides true 50% duty
ratio clamping by virtue of excluding from its flip-
flop scheme, the normal output blanking associ-
ated with the discharge of CT. Standard AS2844/
5 devices include the output blanking associated
with the discharge of CT, resulting in somewhat
less than a 50% duty ratio.
1.3.3 Synchronization
The advanced design of the AS2842 oscillator
simplifies synchronizing the frequency of two or
more devices to each other or to an external
clock. The RT/CT doubles as a synchronization
input which can easily be driven from any open
collector logic output. Figure 16 shows some
simple circuits for implementing synchroniza-
tion.
1.4 Error amplifier (COMP)
The AS2842 error amplifier is a wide bandwidth,
internally compensated operational amplifier
which provides a high DC open loop gain (90 dB).
The input to the amplifier is a PNP differential
pair. The non-inverting (+) input is internally
connected to the 2.5 V reference, and the invert-
ing (–) input is available at pin 2 (VFB). The output
of the error amplifier consists of an active pull-
down and a 0.8 mA current source pull-up as
shown in Figure 17. This type of output stage
allows easy implementation of soft start, latched
shutdown and reduced current sense clamp func-
tions. It also permits wire “OR-ing” of the error
amplifier outputs of several 2842s, or complete
bypass of the error amplifier when its output is
forced to remain in its “pull-up” condition.
Figure 16. Synchronization
Figure 17. Error Amplifier Compensation
+
–
COMPENSATION
NETWORK
2.50 V
TO
PWM
E/A
1 COMP
VFB
2
0.8 mA
VOUT
From
VREG
A 2842
RT/CT
GND
8
4
RT
CT
5
Open
Collector
Output
5 V
RT/CT
Open
Collector
Output
3 K
2 K
2 K
RT/CT
3 K
CMOS
SYNC
EXTERNAL CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com