Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9268 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9268
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268 Datasheet(HTML) 1 Page - Analog Devices

  AD9268 Datasheet HTML 1Page - Analog Devices AD9268 Datasheet HTML 2Page - Analog Devices AD9268 Datasheet HTML 3Page - Analog Devices AD9268 Datasheet HTML 4Page - Analog Devices AD9268 Datasheet HTML 5Page - Analog Devices AD9268 Datasheet HTML 6Page - Analog Devices AD9268 Datasheet HTML 7Page - Analog Devices AD9268 Datasheet HTML 8Page - Analog Devices AD9268 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual
Analog-to-Digital Converter (ADC)
AD9268
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 78.2 dBFS @ 70 MHz and 125 MSPS
SFDR = 88 dBc @ 70 MHz and 125 MSPS
Low power: 750 mW @ 125 MSPS
1.8 V analog supply operation
1.8 V CMOS or LVDS output supply
Integer 1-to-8 input clock divider
IF sampling frequencies to 300 MHz
−153.6 dBm/Hz small-signal input noise with 200 Ω input
impedance @ 70 MHz and 125 MSPS
Optional on-chip dither
Programmable internal ADC voltage reference
Integrated ADC sample-and-hold inputs
Flexible analog input range: 1 V p-p to 2 V p-p
Differential analog inputs with 650 MHz bandwidth
ADC clock duty cycle stabilizer
95 dB channel isolation/crosstalk
Serial port control
User-configurable, built-in self-test (BIST) capability
Energy-saving power-down modes
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers (3G)
GSM, EDGE, W-CDMA, LTE,
CDMA2000, WiMAX, TD-SCDMA
I/Q demodulation systems
Smart antenna systems
General-purpose software radios
Broadband data applications
Ultrasound equipment
FUNCTIONAL BLOCK DIAGRAM
CMOS/LVDS
OUTPUT BUFFER
CMOS/LVDS
OUTPUT BUFFER
ADC
DRVDD
CSB
AVDD
SPI
SDIO/
DCS
SCLK/
DFS
PROGRAMMING DATA
DUTY CYCLE
STABILIZER
DIVIDE 1
TO 8
DCO
GENERATION
REF
SELECT
MULTICHIP
SYNC
SYNC
AGND
NOTES
1. PIN NAMES ARE FOR THE CMOS PIN CONFIGURATION ONLY;
SEE FIGURE 7 FOR LVDS PIN NAMES.
PDWN
OEB
DCOB
DCOA
D15A (MSB)
TO
D0A (LSB)
D15B (MSB)
TO
D0B (LSB)
ORA
CLK–
CLK+
ORB
VIN+A
VCM
RBIAS
VIN–B
VIN+B
VIN–A
VREF
SENSE
AD9268
ADC
16
16
Figure 1.
PRODUCT HIGHLIGHTS
1.
On-chip dither option for improved SFDR performance
with low power analog input.
2.
Proprietary differential input that maintains excellent SNR
performance for input frequencies up to 300 MHz.
3.
Operation from a single 1.8 V supply and a separate digital
output driver supply accommodating 1.8 V CMOS or
LVDS outputs.
4.
Standard serial port interface (SPI) that supports various
product features and functions, such as data formatting
(offset binary, twos complement, or gray coding), enabling
the clock DCS, power-down, test modes, and voltage
reference mode.
5.
Pin compatibility with the AD9258, allowing a simple
migration from 16 bits to 14 bits. The AD9268 is also pin
compatible with the AD9251, AD9231, and AD9204 family
of products for lower sample rate, low power applications.


Similar Part No. - AD9268

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9268 AD-AD9268 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9268 AD-AD9268 Datasheet
165Kb / 3P
Low Noise, Low Distortion Single-Ended Input Drive Circuit for Differential Input IF Sampling ADCs
REV. 0
AD9268-105EBZ1 AD-AD9268-105EBZ1 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9268-125EBZ1 AD-AD9268-125EBZ1 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9268-80EBZ1 AD-AD9268-80EBZ1 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results

Similar Description - AD9268

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9284 AD-AD9284 Datasheet
626Kb / 24P
8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
1.8 V Analog-to-Digital Converter
Rev. B
AD9608 AD-AD9608_17 Datasheet
1Mb / 41P
1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. C
AD9628 AD-AD9628_17 Datasheet
1Mb / 43P
1.8 V Dual Analog-to-Digital Converter
Rev. C
AD9642 AD-AD9642_17 Datasheet
1Mb / 29P
1.8 V Analog-to-Digital Converter (ADC)
23-Feb-2017
AD9204 AD-AD9204_17 Datasheet
1Mb / 37P
1.8 V Dual Analog-to-Digital Converter
Rev. A
AD9251 AD-AD9251_17 Datasheet
1Mb / 37P
1.8 V Dual Analog-to-Digital Converter
Rev. B
AD9600 AD-AD9600 Datasheet
2Mb / 73P
1.8 V Dual Analog-to-Digital Converter
Rev. B
AD9627 AD-AD9627_17 Datasheet
2Mb / 77P
1.8 V Dual Analog-to-Digital Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com