Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9268 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9268
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9268 Datasheet HTML 7Page - Analog Devices AD9268 Datasheet HTML 8Page - Analog Devices AD9268 Datasheet HTML 9Page - Analog Devices AD9268 Datasheet HTML 10Page - Analog Devices AD9268 Datasheet HTML 11Page - Analog Devices AD9268 Datasheet HTML 12Page - Analog Devices AD9268 Datasheet HTML 13Page - Analog Devices AD9268 Datasheet HTML 14Page - Analog Devices AD9268 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
AD9268
Rev. A | Page 10 of 44
TIMING SPECIFICATIONS
Table 5.
Parameter
Conditions
Limit
SYNC TIMING REQUIREMENTS
tSSYNC
SYNC to rising edge of CLK+ setup time
0.3 ns typ
tHSYNC
SYNC to rising edge of CLK+ hold time
0.40 ns typ
SPI TIMING REQUIREMENTS
tDS
Setup time between the data and the rising edge of SCLK
2 ns min
tDH
Hold time between the data and the rising edge of SCLK
2 ns min
tCLK
Period of the SCLK
40 ns min
tS
Setup time between CSB and SCLK
2 ns min
tH
Hold time between CSB and SCLK
2 ns min
tHIGH
SCLK pulse width high
10 ns min
tLOW
SCLK pulse width low
10 ns min
tEN_SDIO
Time required for the SDIO pin to switch from an input to an output relative to the SCLK
falling edge
10 ns min
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an input relative to the SCLK
rising edge
10 ns min
Timing Diagrams
tPD
tSKEW
tCH
tDCO
tCLK
N – 12
N – 13
N – 1
N + 1
N + 2
N + 3
N + 5
N + 4
N
N – 11
N – 10
N – 9
N – 8
VIN
CLK+
CLK–
CH A/CH B DATA
DCOA/DCOB
tA
Figure 2. CMOS Default Output Mode Data Output Timing
tPD
tSKEW
tCH
tDCO
tCLK
CH A
N – 12
CH B
N – 12
CH A
N – 11
CH B
N – 11
CH A
N – 10
CH B
N – 10
CH A
N – 9
CH B
N – 9
CH A
N – 8
N – 1
N + 1
N + 2
N + 3
N + 5
N + 4
N
VIN
CLK+
CLK–
CH A/CH B DATA
DCOA/DCOB
tA
Figure 3. CMOS Interleaved Output Mode Data Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com