Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9268 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9268
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268 Datasheet(HTML) 2 Page - Analog Devices

  AD9268 Datasheet HTML 1Page - Analog Devices AD9268 Datasheet HTML 2Page - Analog Devices AD9268 Datasheet HTML 3Page - Analog Devices AD9268 Datasheet HTML 4Page - Analog Devices AD9268 Datasheet HTML 5Page - Analog Devices AD9268 Datasheet HTML 6Page - Analog Devices AD9268 Datasheet HTML 7Page - Analog Devices AD9268 Datasheet HTML 8Page - Analog Devices AD9268 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
AD9268* PRODUCT PAGE QUICK LINKS
Last Content Update: 09/27/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD9268 Evaluation Board
DOCUMENTATION
Application Notes
• AN-1142: Techniques for High Speed ADC PCB Layout
• AN-1211: Powering the AD9268 Dual Channel 16-Bit, 125
MSPS Analog-to-Digital Converter with the ADP2114
Synchronous Step-Down DC-to-DC Regulator for
Increased Efficiency
• AN-586: LVDS Outputs for High Speed A/D Converters
• AN-742: Frequency Domain Response of Switched-
Capacitor ADCs
• AN-807: Multicarrier WCDMA Feasibility
• AN-808: Multicarrier CDMA2000 Feasibility
• AN-812: MicroController-Based Serial Port Interface (SPI)
Boot Circuit
• AN-827: A Resonant Approach to Interfacing Amplifiers to
Switched-Capacitor ADCs
• AN-878: High Speed ADC SPI Control Software
• AN-905: Visual Analog Converter Evaluation Tool Version
1.0 User Manual
• AN-935: Designing an ADC Transformer-Coupled Front
End
Data Sheet
• AD9268: 16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual
Analog-to-Digital Converter (ADC) Data Sheet
User Guides
• UG-003: Evaluating the AD9650/AD9268/AD9258/
AD9251/AD9231/AD9204 Analog-to-Digital Converters
TOOLS AND SIMULATIONS
• Visual Analog
• AD9268 IBIS Models
REFERENCE DESIGNS
• CN0171
REFERENCE MATERIALS
Solutions Bulletins & Brochures
• Test & Instrumentation Solutions Bulletin, Volume 10,
Issue 3
Technical Articles
• Improve The Design Of Your Passive Wideband ADC
Front-End Network
• MS-2210: Designing Power Supplies for High Speed ADC
DESIGN RESOURCES
• AD9268 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD9268 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com