Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9268 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9268
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9268 Datasheet HTML 6Page - Analog Devices AD9268 Datasheet HTML 7Page - Analog Devices AD9268 Datasheet HTML 8Page - Analog Devices AD9268 Datasheet HTML 9Page - Analog Devices AD9268 Datasheet HTML 10Page - Analog Devices AD9268 Datasheet HTML 11Page - Analog Devices AD9268 Datasheet HTML 12Page - Analog Devices AD9268 Datasheet HTML 13Page - Analog Devices AD9268 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
AD9268
Rev. A | Page 9 of 44
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, and DCS enabled,
unless otherwise noted.
Table 4.
AD9268BCPZ-80
AD9268BCPZ-105
AD9268BCPZ-125
Parameter
Temperature
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
625
625
625
MHz
Conversion Rate1
DCS Enabled
Full
20
80
20
105
20
125
MSPS
DCS Disabled
Full
10
80
10
105
10
125
MSPS
CLK Period—Divide-by-1 Mode (tCLK)
Full
12.5
9.5
8
ns
CLK Pulse Width High (tCH)
Divide-by-1 Mode, DCS Enabled
Full
3.75
6.25
8.75
2.85
4.75
6.65
2.4
4
5.6
ns
Divide-by-1 Mode, DCS Disabled
Full
5.95
6.25
6.55
4.5
4.75
5.0
3.8
4
4.2
ns
Divide-by-2 Mode Through Divide-
by-8 Mode
Full
0.8
0.8
0.8
ns
Aperture Delay (tA)
Full
1.0
1.0
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.07
0.07
0.07
ps
rms
DATA OUTPUT PARAMETERS
CMOS Mode
Data Propagation Delay (tPD)
Full
2.8
3.5
4.2
2.8
3.5
4.2
2.8
3.5
4.2
ns
DCO Propagation Delay (tDCO)2
Full
3.1
3.1
3.1
ns
DCO to Data Skew (tSKEW)
Full
−0.6
−0.4
0
−0.6
−0.4
0
−0.6
−0.4
0
ns
LVDS Mode
Data Propagation Delay (tPD)
Full
2.9
3.7
4.5
2.9
3.7
4.5
2.9
3.7
4.5
ns
DCO Propagation Delay (tDCO)2
Full
3.9
3.9
3.9
ns
DCO to Data Skew (tSKEW)
Full
−0.1
+0.2
+0.5
−0.1
+0.2
+0.5
−0.1
+0.2
+0.5
ns
CMOS Mode Pipeline Delay
(Latency)
Full
12
12
12
Cycles
LVDS Mode Pipeline Delay (Latency)
Channel A/Channel B
Full
12/12.5
12/12.5
12/12.5
Cycles
Wake-Up Time3
Full
500
500
500
μs
Out-of-Range Recovery Time
Full
2
2
2
Cycles
1 Conversion rate is the clock rate after the divider.
2 Additional DCO delay can be added by writing to Bit 0 through Bit 4 in SPI Register 0x17 (see Table 17).
3 Wake-up time is defined as the time required to return to normal operation from power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com