Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2245CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL2245CS
Description  Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2245CS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL2245CS Datasheet HTML 4Page - Intersil Corporation EL2245CS Datasheet HTML 5Page - Intersil Corporation EL2245CS Datasheet HTML 6Page - Intersil Corporation EL2245CS Datasheet HTML 7Page - Intersil Corporation EL2245CS Datasheet HTML 8Page - Intersil Corporation EL2245CS Datasheet HTML 9Page - Intersil Corporation EL2245CS Datasheet HTML 10Page - Intersil Corporation EL2245CS Datasheet HTML 11Page - Intersil Corporation EL2245CS Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Burn-In Circuit (Per Amplifier)
Applications Information
Product Description
The EL2245 and EL2445 are dual and quad low-power
wideband monolithic operational amplifiers built on Elantec's
proprietary high-speed complementary bipolar process. The
EL2245 and EL2445 use a classical voltage-feedback
topology which allows them to be used in a variety of
applications where current-feedback amplifiers are not
appropriate because of restrictions placed upon the
feedback element used with the amplifier. The conventional
topology of the EL2245 and EL2445 allows, for example, a
capacitor to be placed in the feedback path, making it an
excellent choice for applications such as active filters,
sample-and-holds, or integrators. Similarly, because of the
ability to use diodes in the feedback network, the EL2245
and EL2445 are an excellent choice for applications such as
fast log amplifiers.
Power Dissipation
With the wide power supply range and large output drive
capability of the EL2245 and EL2445, it is possible to exceed
the 150°C maximum junction temperatures under certain
load and power-supply conditions. It is therefore important to
calculate the maximum junction temperature (TJMAX) for all
applications to determine if power supply voltages, load
conditions, or package type need to be modified for the
EL2245 and EL2445 to remain in the safe operating area.
These parameters are related as follows:
where:
PDMAXTOTAL is the sum of the maximum power dissipation
of each amplifier in the package (PDMAX). PDmax for each
amplifier can be calculated as follows:
where:
TMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
PDMAX = Maximum power dissipation of each amplifier
VS = Supply voltage
ISMAX = Maximum supply current of each amplifier
VOUTMAX = Maximum output voltage swing of the
application
RL = Load resistance
To serve as a guide for the user, we can calculate maximum
allowable supply voltages for the example of the video cable-
driver below since we know that TJMAX = 150°C, TMAX =
85°C, ISMAX = 7.6mA per amplifier, and the package θJAs
are shown in Table 1. If we assume (for this example) that we
are driving a back-terminated video cable, then the
maximum average value (over duty-cycle) of VOUTMAX is
1.4V, and RL = 150Ω, giving the results seen in Table 1.
Single-Supply Operation
The EL2245 and EL2445 have been designed to have a
wide input and output voltage range. This design also makes
the EL2245 and EL2445 an excellent choice for single-
supply operation. Using a single positive supply, the lower
input voltage range is within 100mV of ground (RL = 500Ω),
and the lower output voltage range is within 300mV of
ground. Upper input voltage range reaches 4.2V, and output
voltage range reaches 3.8V with a 5V supply and
RL = 500Ω. This results in a 3.5V output swing on a single
5V supply. This wide output voltage range also allows single-
supply operation with a supply voltage as high as 36V or as
low as 2.5V. On a single 2.5V supply, the EL2245 and
EL2445 still have 1V of output swing.
Gain-Bandwidth Product and the -3dB Bandwidth
The EL2245 and EL2445 have a bandwidth at gain-of-2 of
100MHz while using only 5.2mA of supply current per
amplifier. For gains greater than 4, their closed-loop -3dB
bandwidth is approximately equal to the gain-bandwidth
product divided by the noise gain of the circuit. For gains
less than 4, higher-order poles in the amplifiers' transfer
ALL PACKAGES USE THE SAME SCHEMATIC
T
JMAX
T
MAX
Θ
JA
PD
MAXTOTAL
×
()
+
=
PD
MAX
2V
S
I
SMAX
V
S
(
V
OUTMAX )
V
OUTMAX
R
L
----------------------------
×
–
+
×
×
=
TABLE 1.
PART
PACKAGE
Θ
JA
MAX PDISS
@TMAX
MAX VS
DUALS
EL2245CN
PDIP8
100°C/W
0.650W @85°C
±16.6V
EL2245CS
SO8
160°C/W
0.406W @85°C
±10.5V
QUADS
EL2445CN
PDIP14
81°C/W
0.802W @85°C
±11.5V
EL2445CS
SO14
120°C/W
0.542W @85°C
±7.5V
EL2245, EL2445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com