Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2245CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2245CS
Description  Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2245CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL2245CS Datasheet HTML 1Page - Intersil Corporation EL2245CS Datasheet HTML 2Page - Intersil Corporation EL2245CS Datasheet HTML 3Page - Intersil Corporation EL2245CS Datasheet HTML 4Page - Intersil Corporation EL2245CS Datasheet HTML 5Page - Intersil Corporation EL2245CS Datasheet HTML 6Page - Intersil Corporation EL2245CS Datasheet HTML 7Page - Intersil Corporation EL2245CS Datasheet HTML 8Page - Intersil Corporation EL2245CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Pinouts
EL2245
(8-PIN SO, PDIP)
TOP VIEW
EL2445
[14-PIN SO (0.150”), PDIP]
TOP VIEW
1
2
3
4
8
7
6
5
-
+
-
+
OUT
IN1-
IN1+
V-
V+
OUT2
IN2-
IN2+
1
2
3
4
14
13
12
11
5
6
7
10
9
8
OUT1
IN1-
IN1+
V+
OUT4
IN4-
IN4+
V-
IN2+
IN2-
OUT2
IN3+
IN3-
OUT3
-+
-
+
-+
-
+
EL2245, EL2445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com