Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2245CS Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL2245CS
Description  Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2245CS Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL2245CS Datasheet HTML 4Page - Intersil Corporation EL2245CS Datasheet HTML 5Page - Intersil Corporation EL2245CS Datasheet HTML 6Page - Intersil Corporation EL2245CS Datasheet HTML 7Page - Intersil Corporation EL2245CS Datasheet HTML 8Page - Intersil Corporation EL2245CS Datasheet HTML 9Page - Intersil Corporation EL2245CS Datasheet HTML 10Page - Intersil Corporation EL2245CS Datasheet HTML 11Page - Intersil Corporation EL2245CS Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
function contribute to even higher closed loop bandwidths.
For example, the EL2245 and EL2445 have a -3dB
bandwidth of 100MHz at a gain of +2, dropping to 20MHz at
a gain of +5. It is important to note that the EL2245 and
EL2445 have been designed so that this “extra” bandwidth in
low-gain applications does not come at the expense of
stability. As seen in the typical performance curves, the
EL2245 and EL2445 in a gain of +2 only exhibit 1.0dB of
peaking with a 1k
Ω load.
Video Performance
An industry-standard method of measuring the video
distortion of components such as the EL2245/ EL2445 is to
measure the amount of differential gain (dG) and differential
phase (dP) that they introduce. To make these
measurements, a 0.286VPP (40 IRE) signal is applied to the
device with 0V DC offset (0 IRE) at either 3.58MHz for NTSC
or 4.43MHz for PAL. A second measurement is then made at
0.714V DC offset (100 IRE). Differential gain is a measure of
the change in amplitude of the sine wave, and is measured
in percent. Differential phase is a measure of the change in
phase, and is measured in degrees.
For signal transmission and distribution, a back-terminated
cable (75
Ω in series at the drive end, and 75Ω to ground at
the receiving end) is preferred since the impedance match at
both ends will absorb any reflections. However, when double
termination is used, the received signal is halved; therefore a
gain of 2 configuration is typically used to compensate for
the attenuation.
The EL2245 and EL2445 have been designed as an
economical solution for applications requiring low video
distortion. They have been thoroughly characterized for
video performance in the topology described above, and the
results have been included as typical dG and dP
specifications and as typical performance curves. In a gain
of +2, driving 150
Ω, with standard video test levels at the
input, the EL2245 and EL2445 exhibit dG and dP of only
0.02% and 0.07° at NTSC and PAL. Because dG and dP can
vary with different DC offsets, the video performance of the
EL2245 and EL2445 has been characterized over the entire
DC offset range from -0.714V to +0.714V. For more
information, refer to the curves of dG and dP vs DC Input
Offset.
Output Drive Capability
The EL2245 and EL2445 have been designed to drive low
impedance loads. They can easily drive 6VPP into a 150Ω
load. This high output drive capability makes the EL2245
and EL2445 an ideal choice for RF, IF and video
applications. Furthermore, the current drive of the EL2245
and EL2445 remains a minimum of 35mA at low
temperatures.
Printed-Circuit Layout
The EL2245 and EL2445 are well behaved, and easy to
apply in most applications. However, a few simple
techniques will help assure rapid, high quality results. As
with any high-frequency device, good PCB layout is
necessary for optimum performance. Ground-plane
construction is highly recommended, as is good power
supply bypassing. A 0.1µF ceramic capacitor is
recommended for bypassing both supplies. Lead lengths
should be as short as possible, and bypass capacitors
should be as close to the device pins as possible. For good
AC performance, parasitic capacitances should be kept to a
minimum at both inputs and at the output. Resistor values
should be kept under 5k
Ω because of the RC time constants
associated with the parasitic capacitance. Metal-film and
carbon resistors are both acceptable, use of wire-wound
resistors is not recommended because of their parasitic
inductance. Similarly, capacitors should be low-inductance
for best performance.
The EL2245 and EL2445 Macromodel
This macromodel has been developed to assist the user in
simulating the EL2245 and EL2445 with surrounding
circuitry. It has been developed for the PSPICE simulator
(copywritten by the Microsim Corporation), and may need to
be rearranged for other simulators. It approximates DC, AC,
and transient response for resistive loads, but does not
accurately model capacitive loading. This model is slightly
more complicated than the models used for low-frequency
op-amps, but it is much more accurate for AC analysis.
The model does not simulate these characteristics
accurately:
•Noise
•Settling time
• Non-linearities
• Temperature effects
• Manufacturing variations
•CMRR
• PSRR
EL2245, EL2445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com