Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2245CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2245CS
Description  Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2245CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2245CS Datasheet HTML 1Page - Intersil Corporation EL2245CS Datasheet HTML 2Page - Intersil Corporation EL2245CS Datasheet HTML 3Page - Intersil Corporation EL2245CS Datasheet HTML 4Page - Intersil Corporation EL2245CS Datasheet HTML 5Page - Intersil Corporation EL2245CS Datasheet HTML 6Page - Intersil Corporation EL2245CS Datasheet HTML 7Page - Intersil Corporation EL2245CS Datasheet HTML 8Page - Intersil Corporation EL2245CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN7060
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2245, EL2445
Dual/Quad Low-Power 100MHz Gain-of-2
Stable Op Amp
The EL2245 and EL2445 are dual and
quad versions of the popular EL2045.
They are high speed, low power, low
cost monolithic operational amplifiers built on Elantec's
proprietary complementary bipolar process. The EL2245
and EL2445 are gain-of-2 stable and feature a 275V/µs slew
rate and 100MHz bandwidth at gain-of-2 while requiring only
5.2mA of supply current per amplifier.
The power supply operating range of the EL2245 and
EL2445 is from ±18V down to as little as ±2V. For single-
supply operation, the EL2245 and EL2445 operate from 36V
down to as little as 2.5V. The excellent power supply
operating range of the EL2245 and EL2445 makes them an
obvious choice for applications on a single +5V or +3V
supply.
The EL2245 and EL2445 also feature an extremely wide
output voltage swing of ±13.6V with VS = ±15V and
RL =1kΩ. At ±5V, output voltage swing is a wide ±3.8V with
RL = 500Ω and ±3.2V with RL = 150Ω. Furthermore, for
single-supply operation at +5V, output voltage swing is an
excellent 0.3V to 3.8V with RL = 500Ω.
At a gain of +2, the EL2245 and EL2445 have a -3dB
bandwidth of 100MHz with a phase margin of 50°. Because
of their conventional voltage-feedback topology, the EL2245
and EL2445 allow the use of reactive or non-linear elements
in their feedback network. This versatility combined with low
cost and 75mA of output-current drive make the EL2245 and
EL2445 an ideal choice for price-sensitive applications
requiring low power and high speed.
Features
• 100MHz gain-bandwidth
• Gain-of-2 stable
• Low supply current (per amplifier) - 5.2mA at VS = ±15V
• Wide supply range - 2.5V to 36V
• High slew rate - 275V/µs
• Fast-settling - 80ns to 0.1% for a 10V step
• Low differential gain - 0.02% at AV =+2, RL = 150Ω
• Low differential phase - 0.07° at AV = +2, RL = 150Ω
• Wide output voltage swing - ±13.6V with VS = ±15V,
RL =1kΩ
Applications
• Video amplifiers
• Single-supply amplifiers
• Active filters/integrators
• High speed signal processing
• ADC/DAC buffers
• Pulse/RF amplifiers
• Pin diode receivers
• Log amplifiers
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. NO.
EL2245CN
8-Pin PDIP
-
MDP0031
EL2245CS
8-Pin SO
-
MDP0027
EL2245CS-T7
8-Pin SO
7”
MDP0027
EL2245CS-T13
8-Pin SO
13”
MDP0027
EL2445CN
14-Pin PDIP
-
MDP0031
EL2445CS
14-Pin SO (0.150")
-
MDP0027
EL2445CS-T7
14-Pin SO (0.150")
7”
MDP0027
EL2445CS-T13
14-Pin SO (0.150")
13”
MDP0027
Data Sheet
March 27, 2002


Similar Part No. - EL2245CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2245CS ELANTEC-EL2245CS Datasheet
450Kb / 14P
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
More results

Similar Description - EL2245CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
EL2245C ELANTEC-EL2245C Datasheet
450Kb / 14P
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
logo
Intersil Corporation
EL2045 INTERSIL-EL2045 Datasheet
279Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
February 11, 2005
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
May 16, 2005
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
Triple Low-Power 60MHz Unity-Gain Stable Op Amp
September 1996
EL2111 INTERSIL-EL2111 Datasheet
102Kb / 6P
Low Cost, Gain of 2, Video Op Amp
November 14, 2002
logo
ADDtek Corp
AMC2244 ADDTEK-AMC2244 Datasheet
425Kb / 11P
DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
JUNE 2006
logo
KODENSHI_AUK CORP.
SN324 KODENSHI-SN324 Datasheet
372Kb / 8P
Low Power Quad OP AMP
logo
Renesas Technology Corp
EL2045 RENESAS-EL2045 Datasheet
687Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com