Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9474 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 9474
Description  POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9474 Datasheet(HTML) 2 Page - STMicroelectronics

  9474 Datasheet HTML 1Page - STMicroelectronics 9474 Datasheet HTML 2Page - STMicroelectronics 9474 Datasheet HTML 3Page - STMicroelectronics 9474 Datasheet HTML 4Page - STMicroelectronics 9474 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STPS3150/U
2/5
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
Lead length = 10 mm
DO-1201AD
20
°C/W
SMB
15
THERMAL RESISTANCES
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR = 150V
0.4
2.0
µA
Tj = 125°C
0.6
2.0
mA
VF *
Forward voltage drop
Tj = 25°C
IF =3 A
0.78
0.82
V
Tj = 125°C
0.63
0.67
Tj = 25°C
IF =6 A
0.85
0.89
Tj = 125°C
0.70
0.75
Pulse test : * tp = 380
µs, δ <2%
To evaluate the maximum conduction losses use the following equation:
P=0.59xIF(AV) + 0.023 x IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
P
(W)
F(AV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.05
δ = 0.1
δ = 0.2
Fig. 1: Conduction losses versus average current.
I
(A)
F(AV)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
175
T
δ=tp/T
tp
T
(°C)
amb
R
=75°C/W
th(j-a)
R=R
th(j-a)
th(j-I)
DO-201AD
SMB
Fig. 2: Average forward current versus ambient
temperature (
δ = 0.5).
I (A)
M
0
1
2
3
4
5
6
7
8
9
10
11
12
1.E-03
1.E-02
1.E-01
1.E+00
IM
t
δ=0.5
t(s)
T =25°C
a
T =75°C
a
T =125°C
a
SMB
Fig. 3-1: Non repetitive surge peak forward current
versus overload duration (maximum values)
(SMB).
I (A)
M
0
2
4
6
8
10
12
14
1.E-03
1.E-02
1.E-01
1.E+00
IM
t
δ=0.5
t(s)
T =25°C
a
T =75°C
a
T =125°C
a
DO-201AD
Fig. 3-2: Non repetitive surge peak forward current
versus overload duration (maximum values)
(DO-201AD).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com