Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9474 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 9474
Description  POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9474 Datasheet(HTML) 1 Page - STMicroelectronics

  9474 Datasheet HTML 1Page - STMicroelectronics 9474 Datasheet HTML 2Page - STMicroelectronics 9474 Datasheet HTML 3Page - STMicroelectronics 9474 Datasheet HTML 4Page - STMicroelectronics 9474 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STPS3150/U
April 2003 - Ed: 1A
POWER SCHOTTKY RECTIFIER
®
150V Power Schottky rectifier are suited for switch
Mode Power Supplies on up to 24V rails and high
frequency converters.
Packaged in SMB and Axial, this device is
intended for use in consumer & computer
applications like TV, STB, PC and DVD where low
drop forward voltage in required to reduce power
dissipation.
DESCRIPTION
s
NEGLIGIBLE SWITCHING LOSSES
s
LOW
FORWARD
VOLTAGE
DROP
FOR
HIGHER
EFFICIENCY
AND
EXTENDED
BATTERY LIFE
s
LOW THERMAL RESISTANCE
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
150
V
IF(RMS)
RMS forward current
15
A
IF(AV)
Average forward current
TL = 130°C
δ = 0.5 SMB
3A
TL = 140°C
δ = 0.5 DO-201AD
IFSM
Surge non repetitive forward current Half wave, single
phase, 50Hz
SMB
100
A
DO-201AD
150
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum junction temperature *
175
°C
dV/dt
Critical rate of rise of reverse voltage (rated VR,Tj = 25°C)
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
IF(AV)
3A
VRRM
150 V
Tj (max)
175°C
VF (max)
0.66 V
MAIN PRODUCT CHARACTERISTICS
DO-201AD
STPS3150
*:
dPtot
dTj
Rth j
a
<
1
()
thermal runaway condition for a diode on its own heatsink
SMB
STPS3150U


Similar Part No. - 9474

ManufacturerPart #DatasheetDescription
logo
3M Electronics
94741 3M-94741 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
94742 3M-94742 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
94743 3M-94743 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
94745 3M-94745 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
94748 3M-94748 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
More results

Similar Description - 9474

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com